Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6110PQMF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-6110PQMF
Description  MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6110PQMF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-6110PQMF Datasheet HTML 1Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 2Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 3Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 4Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 5Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 6Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 7Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 8Page - Holt Integrated Circuits HI-6110PQMF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
HOLT INTEGRATED CIRCUITS
3
FUNCTIONAL DESCRIPTION
HI-6110
HOST INTERFACE
The Holt HI-6110 provides a simple interface between a host
subsystem and a MIL-STD-1553 dual redundant data bus.
Messages are processed one at a time. The HI-6110
automatically handles message formatting, error checking,
message data buffering, protocol checking and default
responses. The host may override default message responses by
updating registers on-the-fly.
The host communicates with the HI-6110 using a 16-bit
bidirectional data bus. On-chip bus transceivers allow the device
to be connected to the MIL-STD-1553 data buses using external
coupling transformers.
The HI-6110 can be configured as 1553 Bus Controller (BC),
Remote Terminal (RT) or Bus Monitor (MT). The BCMODE and
RTMODE inputs define the mode of operation as follows:
BCMODE RTMODE
1553 OPERATING MODE
1
0
Bus Controller (BC)
0
1
Remote Terminal (RT)
1
1
Bus Monitor (no assigned RT address)
0
0
Bus Monitor with assigned RT address
The HI-6110 is further configured by setting various configuration
bits in the on-chip Control Register. Different sets of 16-bit
registers and message data FIFOs are available depending upon
the mode of operation (BC, RT or MT). The
pin is used as the
timing signal for data read and write cycles. Data is output on the
16-bit bidirectional data bus, D15-D0, when R/
is high and
is low. D15-D0 are inputs when R/
is low, and data is written into
internal registers on the rising edge of the
signal. The Chip
Select input
must be low for all register read / write operations:
STR
W
STR
W
STR
CS
R/
D15-D0
OPERATION
1
X
X
High impedance
No operation
0
X
1
High impedance
No operation
0
1
0
Output
Read
0
0
0
Input
Write (on
rising edge)
Four Register address inputs (RA3, RA2, RA1, RA0) are used to
select internal registers during host read or write operations. Note
that internal registers may be write-only, read-only or read/write.
The register address map is different for BC, RT and MT modes
as not all registers are used in each mode. Table 1 defines the HI-
6110 address map in detail.
CS
W STR
STR
REGISTER READ (R/
=1)
RT-RT,
RECEIVED STATUS WORD (from last RT-RT)
RA3:0
BC
RT or MT with assigned RT address
MT without assigned RT address
W
ADDRESS
MODE
RA3:0
BC
RT or MT with assigned RT address
MT without assigned RT address
0000
STATUS WORD 1 ( if
Receive RT ) COMMAND WORD 1
COMMAND WORD 1
0001
STATUS WORD 2 only RT-RT Transmit RT COMMAND WORD 2 (from last RT-RT)
COMMAND WORD 2 (from last RT-RT)
0010
-
RECEIVED MODE DATA WORD
RECEIVED MODE DATA WORD
0011
-
Xmitting RT STATUS WORD for RTRT
0100
RECEIVED DATA FIFO
RECEIVED DATA FIFO
DATA FIFO, includes Xmitted Mode Data
0101
STATUS REGISTER
STATUS REGISTER
STATUS REGISTER
0110
-
MESSAGE REGISTER
MESSAGE REGISTER
0111
ERROR REGISTER
ERROR REGISTER
ERROR REGISTER
1000
-
-
STATUS WORD (Receiving RT if RTRT)
1001
BUS A WORD
BUS A WORD
BUS A WORD
1010
BUS B WORD
BUS B WORD
BUS B WORD
1100
CONTROL REGISTER
CONTROL REGISTER
CONTROL REGISTER
REGISTER WRITE (R/
=0)
ADDRESS
MODE
X 0 0 0
COMMAND WORD 1
TRANSMIT STATUS WORD
X 0 0 1
COMMAND WORD 2 ( used for RT-RT only)
TRANSMIT MODE DATA WORD
-
X 0 1 0
TRANSMIT DATA FIFO
RESET TRANSMIT DATA FIFO
-
X 0 1 1
-
TRANSMIT DATA FIFO
-
X 1 X X
CONTROL REGISTER
CONTROL REGISTER
CONTROL REGISTER
W
Table 1. HI-6110 Internal Register Address Map
Table 2. MIL-STD-1553 Word Type Decoding
SIGNALS RF1 AND RF0 IDENTIFY LAST RECEIVED 1553 WORD TYPE
SIGNAL
MODE
RF1 RF0
BC
00
-
-
-
0
1
pulses low if
Valid Receive Command Bus A
Valid Receive Command Bus A
1
0
-
Valid Receive Command Bus B
Valid Receive Command Bus B
h
reading
BUS A WORD or BUS B WORD registers sync type for the stored word can be determined from the RF0 and RF1 outputs.
RT or MT with assigned RT address
MT without assigned RT address
STATUS WORD 2
W ile
the
,
While the /STR input is held low, output RF1 = 1 if the stored Bus Word had Command Sync, or output RF0 = 1 if the stored Bus Word had Data Sync.


Similar Part No. - HI-6110PQMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results

Similar Description - HI-6110PQMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6140 HOLTIC-HI-6140 Datasheet
717Kb / 7P
   10 MBit/s MIL-STD-1553 3.3V BC / MT / RT
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com