Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8150 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8150
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8150 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8150 Datasheet HTML 1Page - Holt Integrated Circuits HI-8150 Datasheet HTML 2Page - Holt Integrated Circuits HI-8150 Datasheet HTML 3Page - Holt Integrated Circuits HI-8150 Datasheet HTML 4Page - Holt Integrated Circuits HI-8150 Datasheet HTML 5Page - Holt Integrated Circuits HI-8150 Datasheet HTML 6Page - Holt Integrated Circuits HI-8150 Datasheet HTML 7Page - Holt Integrated Circuits HI-8150 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 5. HI-8010/HI-8110
&
LOGIC
(
= OPEN or HIGH)
CL
CS
8020OPT
SEGMENTS
SEGMENTS
SEGMENTS
BACK
PLANE
DIN
CS
DIN
CL
LD
DO
BPIN BPOUT
BPOSC
CS
DIN
CL
LD
DO
BPIN
BPOSC
CS
DIN
CL
LD
DO
BPIN
BPOSC
CS
CL
LD
BPOUT
BPOUT
R
C
Figure 4. OFFSET MEASUREMENT
BPOUT
1500pF
1µF
1M
W
1M
W
1µF
1µF
1µF
1M
W
1M
W
360pF
SEG
V
os
n
Figure 7. TIMING DIAGRAM
38 St age
Shif t R egister
DATA IN
CLK
DIN
Þ
CL
Þ
CS
Þ
Þ DOUT
DIN
Þ
CL
Þ
CS
Þ
38 St age
Shif t R egister
DATA IN
CLK
Þ DOUT
Figure 3. RC OSCILLATOR AND CASCADED
DEVICES
Figure 6. HI-8020/HI-8120
&
LOGIC
(
= LOW)
CL
CS
8020OPT
t
CSH
t
CSS
t
DS
t
DH
t
CL
t
CDO
t
LS
t
LW
t
CSL
t
LCS
CL
INPUT
DIN
INPUT
CS
INPUT
LD
INPUT
DOUT
OUTPUT
VALID
VALID
VALID
VALID
VALID
t
LS
HI-8050/51, HI-8150/51
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8150

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8150 HOLTIC-HI-8150 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8150 HOLTIC-HI-8150 Datasheet
86Kb / 8P
   CMOS High Voltage Display Driver
HI-8150PQI HOLTIC-HI-8150PQI Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8150PQI HOLTIC-HI-8150PQI Datasheet
86Kb / 8P
   CMOS High Voltage Display Driver
HI-8150PQIF HOLTIC-HI-8150PQIF Datasheet
86Kb / 8P
   CMOS High Voltage Display Driver
More results

Similar Description - HI-8150

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com