Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8382S Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8382S
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382S Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8382S Datasheet HTML 1Page - Holt Integrated Circuits HI-8382S Datasheet HTML 2Page - Holt Integrated Circuits HI-8382S Datasheet HTML 3Page - Holt Integrated Circuits HI-8382S Datasheet HTML 4Page - Holt Integrated Circuits HI-8382S Datasheet HTML 5Page - Holt Integrated Circuits HI-8382S Datasheet HTML 6Page - Holt Integrated Circuits HI-8382S Datasheet HTML 7Page - Holt Integrated Circuits HI-8382S Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HI-8382, HI-8383
ADDITIONAL PIN CONFIGURATIONS
(See page 1 for the 16-pin Ceramic Side-Brazed DIP Package )
4
3
2
1 28 27 26
12 13 14 15 16 17 18
5
6
7
8
9
10
25
24
23
22
21
20
19
CLOCK
N/C
DATA
(B)
C
N/C
N/C
B
N/C
DATA (A)
N/C
N/C
C
N/C
A
HI-8382S
HI-8382ST
56
7
8 9 10 11 12
30
31
32
1
2
3
20
19
18
17
16
15
N/C
N/C
+V
GND
N/C
-V
CLOCK
V
N/C
V
SYNC
1
REF
STROBE
HI-8382U
HI-8382UT
29 28 27 26 25 24 23 22
4321 28 27
12 13 14 15 16 17 18
5
6
7
8
9
10
25
24
23
22
21
20
CLOCK
N/C
DATA (B)
C
N/C
N/C
N/C
B
N/C
DATA (A)
N/C
N/C
C
N/C
A
HI-8382J
HI-8382JT
32-PIN J-LEAD CERQUAD
28-PIN CERAMIC LCC
28-PIN PLASTIC PLCC
(1) NOT RECOMMENDED FOR NEW DESIGNS. The newer HI-3182PJxx and HI-3183PJxx are drop-in replacements for the
older HI-8382Jxx and HI-8383Jxx respectively. The HI-318x parts are rated as Moisture Sensitive Level 1 (MSL 1) and do not
require any special handling. The older HI-8382Jxx and HI-8383Jxx are rated as MSL 3 and require dry-packaging and /or
bake-out in accordance with IPC/JEDEC J-STD-020A.
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
TEMPERATURE
RANGE
BURN
IN
-40°C TO +85°C
NO
-55°C TO +125°C
NO
T
HI -
(Plastic)
838xJ x x
PART
NUMBER
T
Blank
FLOW
I
37.5 Ohms
YES
13 Ohms
NO
PACKAGE
DESCRIPTION
28 PIN PLASTIC J LEAD (1)
28 PIN PLASTIC J LEAD (1)
PART
NUMBER
8382J
8383J
OUTPUT SERIES
RESISTANCE
FUSE
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8382S

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382S HOLTIC-HI-8382S Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382S HOLTIC-HI-8382S Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-8382SM-01 HOLTIC-HI-8382SM-01 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382SM-01 HOLTIC-HI-8382SM-01 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-8382SM-03 HOLTIC-HI-8382SM-03 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-8382S

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com