Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8110SM-36 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8110SM-36
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8110SM-36 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8110SM-36 Datasheet HTML 1Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 2Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 3Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 4Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 5Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 6Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 7Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 8Page - Holt Integrated Circuits HI-8110SM-36 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FUNCTIONAL DESCRIPTION
Whenever a Logic "0" is applied to the Chip Select (
)
input, one bit of data is clocked into the shift register from the
serial data input (DIN) with each negative transition of the
Clock (
) input.
is internally tied to VSS on some
versions. A Logic "1" present at the Load (LD) input will
cause a parallel transfer of data from the shift register to the
data latch. If the Load (LD) input is held high while data is
clocked into the shift register, the latch will be transparent.
To display segments, a Logic "1" is stored in the appropriate
shift register bit position, and the segment output is out-of-
phase with the backplane.
The backplane output functions in 1 of 2 modes; externally
driven or self-oscillating. When the LCDØ input is externally
driven with the LCDØOPT input open circuit (Figure 2), the
backplane output will be in-phase with LCDØ. Utilizing the
self-oscillating mode, inputs LCDØ and LCDØOPT are tied
together and connected to an RC circuit (Figure 3).
A 150K
resistor with a 470pF capacitor generates an
approximate backplane frequency of 100Hz. The
LCDØ/LCDØOPT oscillator frequency is divided by 256 to
determine the backplane output frequency.
The resistor
value (R) must be at least 30K
for proper self-oscillator
operation.
For displays having a number of segments greater than 38,
two or more of the display drivers may be cascaded together
by connecting the serial data output (DOUT) from the first
driver, to the serial data input (DIN) of the following driver,
etc. (See Figures 2 & 3). Data out (DOUT) will change state
CS
CL
CS
All four logic inputs are TTL compatible on the HI-8010 and
CMOS compatible on the HI-8110.
W
W
HI-8010/HI-8110 Series
INTERNAL OSCILLATOR CIRCUIT
TO BACKPLANE
TRANSLATOR
AND DRIVER
÷ 256
C
R
LCDØ
OPT
LCDØ
Figure 1
Q
on the rising edge of the Clock (
). Clock (
), Load (LD)
and Chip Select (
) should be tied in common with each
other, respectively, between all cascaded display drivers.
CL
CL
CS
HOLT INTEGRATED CIRCUITS
2
SYMBOL
FUNCTION
DESCRIPTION
VSS
POWER
0 Volts
INPUT
Logic input
Chip select
INPUT
Logic input
Clocks shift register on negative edge and DOUT pins on positive edge
LD
INPUT
Logic input
Segment outputs equal shift register data if Load is high
DIN
INPUT
Logic input
Shift register data input
LCD0
INPUT
Analog input
Display clock input and is always bonded out. Can swing from VEE to VDD
LCD0OPT
OUTPUT
Analog output
Bonded out only if an RC oscillator is required
VDD
POWER
5 Volts
VEE
POWER
0 Volts to -30 Volts
DOUT
OUTPUT
Logic output
Selected pinout can provide shift register taps at positions 30, 32, 34, or 38
BP
OUTPUT
Display drive output
Low resistance drive for the backplane and swings from VDD to VEE
Segments
OUTPUT
Display drive output
High resistance drive for each segment and swings from VDD to VEE
CS
CL
PIN DESCRIPTIONS


Similar Part No. - HI-8110SM-36

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8110SM-36 HOLTIC-HI-8110SM-36 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8110SM-36

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com