Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3583PQI-10 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-3583PQI-10
Description  3.3V ARINC 429 TERMINAL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3583PQI-10 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-3583PQI-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 12Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 13Page - Holt Integrated Circuits HI-3583PQI-10 Datasheet HTML 14Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REPEATER OPERATION TIMING
DON'T CARE
RIN
D/R
EN
PL1
PL2
SEL
TXR
ENTX
TXAOUT
TXBOUT
BIT 32
DON'T CARE
D/R
t
EN
t
D/REN
t
ENEN
t
EN
t
END/R
t
SELEN
t
ENSEL
t
ENPL
t
PLEN
t
SELEN
t
ENSEL
t
ENPL
t
PLEN
t
TX/R
t
TX/REN
t
ENDAT
t
ENTX/R
t
DTX/R
t
NULL
t
BIT 1
BIT 32
TIMING DIAGRAMS (cont.)
TRANSMITTING DATA
ARINC BIT
ARINC BIT
ARINC BIT
PL2
ENTX
TXAOUT
TXBOUT
DIFF
V
(TXAOUT) - TXBOUT)
+5V
+5V
+5V
+10V
+10V
-10V
-5V
-5V
-5V
TXR
PL2EN
t
ENDAT
t
DTX/R
t
ENTX/R
t
DATA
BIT 1
DATA
BIT 2
DATA
BIT 32
one level
zero level
null level
90%
90%
10%
10%
t
fx
t
rx
t
fx
t
rx
HI-3582, HI-3583
HOLT INTEGRATED CIRCUITS
10


Similar Part No. - HI-3583PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3583PQIF HOLTIC-HI-3583PQIF Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3583PQIF-10 HOLTIC-HI-3583PQIF-10 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
More results

Similar Description - HI-3583PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com