Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3282PJTF Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-3282PJTF
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282PJTF Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-3282PJTF Datasheet HTML 1Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 2Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 3Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 4Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3282PJTF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RECEIVER LOGIC OPERATION
BIT TIMING
Figure 2 shows a block diagram of the logic section of each
receiver.
The ARINC 429 specification contains the following timing
specification for the received data:
100K BPS ± 1% 12K -14.5K BPS
1.5 ± 0.5 µsec
10 ± 5 µsec
1.5 ± 0.5 µsec
10 ± 5 µsec
5 µsec ± 5%
34.5 to 41.7 µsec
BIT RATE
PULSE RISE TIME
PULSE FALL TIME
PULSE WIDTH
HIGH SPEED
LOW SPEED
RECEIVER PARITY
The receiver parity circuit counts Ones received, including the
parity bit, ARINC bit 32. If the result is odd, then "0" will appear in
the 32nd bit.
Once 32 valid bits are recognized, the receiver logic generates an
End of Sequence (EOS). If the receiver decoder is enabled and
the 9th and 10th ARINC bits match the control word program bits
or if the receiver decoder is disabled, then EOS clocks the data
ready flag flip flop to a "1",
or
(or both) will go low. The
data flag for a receiver will remain low until after
ARINC bytes
from that receiver are retrieved.
This is accomplished by
activating
with SEL, the byte selector, low to retrieve the first
byte and activating
with SEL high to retrieve the second byte.
RETRIEVING DATA
D/R1
D/R2
EN
EN
both
FUNCTIONAL DESCRIPTION (cont.)
SEL
EN
D/R
DECODER
CONTROL
BITS
/
MUX
CONTROL
LATCH
ENABLE
CONTROL
32 TO 16 DRIVER
32 BIT LATCH
32 BIT SHIFT REGISTER
TO PINS
CONTROL
BIT BD14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
EOS
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
BITS 9 & 10
FIGURE 2.
RECEIVER BLOCK DIAGRAM
HI-3282
EN1
EN2
retrieves data from receiver 1 and
retrieves data from
receiver 2.
If another ARINC word is received and a new EOS occurs before
the two bytes are retrieved, the data is overwritten by the new
word.
INTERNAL LIGHTNING PROTECTION (-10 Only)
APPLICATION NOTE 300
The HI-3282-10 configurations are similar to the HI-3282 except
that the ARINC inputs are internally lightning protected to
DO-160D, Level 3 through 10 Kohm resistors that
be
connected in series with each input from the ARINC bus.
The design of the HI-3282-10 device requires the external
10 Kohm series resistors for proper ARINC level detection. The
typical 10 volt differential signal is translated and input to a
window comparator and latch. The comparator levels are set so
that, with the external 10 Kohm resistors, they are just below the
standard 6.5 V minimum ARINC data threshold and just above the
2.5 V maximum ARINC null threshold.
The receivers of the HI-3282-10 when used with external 10
Kohm resistors will withstand DO-160D, Level 3, waveforms 3, 4
and 5A. No additional lightning protection circuit is necessary.
Please refer to the Holt AN-300 Application Note for additional
information and recommendations on lightning protection of Holt
Line Drivers and Receivers.
must
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-3282PJTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282PJT HOLTIC-HI-3282PJT Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-3282PJTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com