Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3187PSTF Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-3187PSTF
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3187PSTF Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-3187PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 10Page - Holt Integrated Circuits HI-3187PSTF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ORDERING INFORMATION
Legend:
NB
- Narrow Body
ESOIC
- Thermally Enhanced Small Outline Package (SOIC w/built-in heat sink)
WB
- Wide Body
HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3187, HI-3188
PACKAGE
DESCRIPTION
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
TEMPERATURE
RANGE
16 PIN CERAMIC SIDE BRAZED DIP
28 PIN PLASTIC J-LEAD PLCC
28 PIN PLASTIC J-LEAD PLCC
Gold (‘M’ flow: solder)
BURN
IN
BURN
IN
-40°C TO +85°C
-40°C TO +85°C
NO
NO
-55°C TO +125°C
-55°C TO +125°C
-55°C TO +125°C
-55°C TO +125°C
NO
NO
YES
YES
T
T
M
M
HI -
(Ceramic)
318xxx-xx
PART
NUMBER
PART
NUMBER
T
T
M
M (2)
I
I
PART
NUMBER
CD
32 PIN J-LEAD CERQUAD (not available with ‘M’ flow)
16 PIN PLASTIC SMALL OUTLINE - WB (ESOIC)
16 PIN PLASTIC SMALL OUTLINE - WB (ESOIC)
14 PIN PLASTIC SMALL OUTLINE - NB (ESOIC)
14 PIN PLASTIC SMALL OUTLINE - NB (ESOIC)
14 PIN PLASTIC SMALL OUTLINE - NB (ESOIC)
16 PIN PLASTIC SMALL OUTLINE - WB (ESOIC)
14 PIN PLASTIC SMALL OUTLINE - NB (ESOIC)
Solder
28 PIN CERAMIC LEADLESS CHIP CARRIER (LCC)
16 PIN CERDIP (not available with ‘M’ flow)
Gold (‘M’ flow: solder)
Solder
CJ
CL
CR
FLOW
FLOW
I
I
LEAD
FINISH (1)
37.5 Ohms
YES
13 Ohms
NO
PART
NUMBER
3182
3183
OUTPUT SERIES
FUSE
RESISTANCE
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
HI -
(Plastic)
318xxx x x
37.5 Ohms
37.5 Ohms
YES
YES
13 Ohms
13 Ohms
13 Ohms
37.5 Ohms
13 Ohms
37.5 Ohms
13 Ohms
NO
NO
NO
YES
YES
NO
NO
PART
NUMBER
3182PJ
3182PS
3184PS
3183PJ
3185PS
3187PS
3183PS
3186PS
3188PS
OUTPUT SERIES
RESISTANCE
FUSE
(1) Gold terminal finish is Pb-Free, RoHS compliant.
(2) Only available with ‘3182PJ’.
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-3187PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3187PST HOLTIC-HI-3187PST Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3187PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com