Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282ACLI-10 Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8282ACLI-10
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACLI-10 Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8282ACLI-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-8282ACLI-10 Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MIN
TYP
MAX
Operating Supply Current:
I
20
mA
CC2
Standby Supply Current:
I
20
mA
CC1
SUPPLY INPUT - VCC
Output Capacitance:
C
15
pF
O
(All Other Outputs)
Output Source
I
V
= V
- 0.4V
1.1
mA
OH
OUT
CC
Output Current:
Output Sink
I
V
= 0.4V
2.6
mA
OL
OUT
(Bi-directional Pins)
Output Source
I
V
= V
- 0.4V
1.1
mA
OH
OUT
CC
Output Current:
Output Sink
I
V
= 0.4V
3.0
mA
OL
OUT
Logic "0" Output Voltage
V
I
= 2.6mA
0.4
V
OL
OL
Output Voltage:
Logic "1" Output Voltage
V
I
= -1.5mA
2.7
V
OH
OH
OUTPUTS -
,
, BD00 through BD15, TX/R, 429DO,
& TX CLK
D/R1 D/R2
429DO
Input Source
I
-20
µA
IL
Input Current:
Input Sink
I
10
µA
IH
Input Voltage LO
V
0.7
V
IL
Input Voltage:
Input Voltage HI
V
3.5
V
IH
ALL OTHER INPUTS - SEL,
,
,
,
, ENTX,
EN1 EN2 PL1 PL2
CWSTR
MR
, CLK &
Input Source
I
-1.5
µA
IL
Input Current:
Input Sink
I
1.5
µA
IH
Input Voltage LO
V
0.7
V
IL
Input Voltage:
Input Voltage HI
V
2.1
V
IH
BI-DIRECTIONAL INPUTS - BD00 through BD15
To Vcc
C
20
pF
H
(Guaranteed but not tested)
To GND
C
20
pF
G
Input Capacitance:
Differential
C
Pins 2 to 3, 4 to 5
20
pF
I
Input Source
I
-450
µA
IL
Input Current:
Input Sink
I
200
µA
IH
To Vcc
R
12
27
K
H
W
To GND
R
12
27
K
G
W
Input Resistance:
Differential
R
12
K
I
W
NULL
V
with respect to GND
-2.5
0
2.5
V
NUL
ZERO
V
mode voltage less than ±5V
-13.0
-10.0
-6.5
V
IL
Differential Input Voltage:
ONE
V
ARINC Input Pins: Common
6.5
10.0
13.0
V
IH
ARINC INPUTS
-
429DI1 (A), 429DI1 (B), 429DI2 (A) & 429DI2 (B)
PARAMETER
CONDITIONS
UNIT
SYMBOL
LIMITS
Vcc = 5V ±5%, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
Power Dissipation
500mW
Operating Temperature Range:
(Industrial)
-40°C to +85°C
(Military)
-55°C to +125°C
Storage Temperature Range:
-65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Vcc
-0.3V to +7V
Voltage at ARINC Inputs
-29V to +29V
Voltage at any other pin
-0.3V to Vcc +0.3V
DC Current Drain per input pin
10mA
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
HI-8282A
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8282ACLI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACLI-10 HOLTIC-HI-8282ACLI-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8282ACLI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com