Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3188PSTF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-3188PSTF
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3188PSTF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-3188PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 10Page - Holt Integrated Circuits HI-3188PSTF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package Type:
0° to 8°
Detail A
16-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
.0069 ± .0029
(.175 ± .074)
.033 ± .017
(.838 ± .432)
Package Type:
°°
16HNE
.061 ± .007
(1.549 ± .178)
.050 ±.010
(1.270 ±.254)
.050 ± .010
(1.270 ± .254)
.0165 ± .0035
(.419 ± ..089)
.3898 ± .0039
(9.901 ± .099)
.0165 ± .0035
(.419 ± ..089)
.236 ±.008
(6.00 ±.20)
.236 ± .008
(6.00 ± .20)
.00865 ± .00115
(.220 ± .029)
Detail A
.1535 ± .0035
(3.899 ± .089)
Top View
Bottom
View
Package Type:
0° to 8°
Detail A
14H
14-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
.0069 ± .0029
(.175 ± .074)
.033 ± .017
(.838 ± .432)
Package Type:
°°
14HNE
.050 ± .010
(1.270 ± .254)
.236 ± .008
(6.00 ± .20)
.0165 ± .0035
(.419 ± ..089)
.3406 ± .0039
(8.651 ± .099)
.00865 ± .00115
(.220 ± .029)
Detail A
.1535 ± .0035
(3.899 ± .089)
Top View
Bottom
View
.280 TYP.
(7.112) TYP.
.110 TYP.
(2.794) TYP.
.280 TYP.
(7.112) TYP.
.110 TYP.
(2.794) TYP.
.061 ± .007
(1.549 ± .178)
Electrically isolated metal
heat sink on bottom of
package
(Connect to any ground or
power plane for optimum
thermal dissipation)
HOLT INTEGRATED CIRCUITS
8
HI-318X PACKAGE DIMENSIONS
inches (millimeters)
Electrically isolated metal
heat sink on bottom of
package
(Connect to any ground or
power plane for optimum
thermal dissipation)


Similar Part No. - HI-3188PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3188PSTF HOLTIC-HI-3188PSTF Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3188PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com