Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3582CJIF-10 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-3582CJIF-10
Description  3.3V ARINC 429 TERMINAL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3582CJIF-10 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-3582CJIF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
vDD
GND
GND
RIN1B
OR
RIN2B
RIN1A
OR
RIN2A
DIFFERENTIAL
AMPLIFIERS
ONES
COMPARATORS
NULL
ZEROES
vDD
FIGURE 1. ARINC RECEIVER INPUT
ARINC 429 DATA FORMAT
Control register bit CR15 is used to control how individual bits in the
received or transmitted ARINC word are mapped to the HI-3582/
HI-3583 data bus during data read or write operations. The
following table describes this mapping:
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
13
12
11
10
9
31
30
32
12345678
BIT
CR15=0
BYTE 1
ARINC
16
15
14
13
12
11
10
987654321
BIT
CR15=1
BYTE 2
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
BIT
CR15=0
ARINC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BIT
CR15=1
The HI-3582/HI-3583 guarantee recognition of these levels with a
common mode Voltage with respect to GND less than ±4V for the
worst case condition (3.0V supply and 13V signal level).
The tolerances in the design guarantee detection of the above
levels, so the actual acceptance ranges are slightly larger. If the
ARINC signal is out of the actual acceptance ranges, including the
nulls, the chip rejects the data.
1. Key to the performance of the timing checking logic is an
accurate 1MHz clock source. Less than 0.1% error is recom-
mended.
2. The sampling shift registers are 10 bits long and must
show three consecutive Ones, Zeros or Nulls to be consid-
ered valid data. Additionally, for data bits, the One or Zero in
the upper bits of the sampling shift registers must be followed
by a Null in the lower bits within the data bit time. For a Null in
the word gap, three consecutive Nulls must be found in both
the upper and lower bits of the sampling shift register. In this
manner the minimum pulse width is guaranteed.
3. Each data bit must follow its predecessor by not less than
8 samples and no more than 12 samples. In this manner the
bit rate is checked. With exactly 1MHz input clock frequency,
the acceptable data bit rates are as follows:
83K BPS
10.4K BPS
125K BPS
15.6K BPS
4. The Word Gap timer samples the Null shift register every
10 input clocks (80 for low speed) after the last data bit of a
valid reception. If the Null is present, the Word Gap counter
is incremented. A count of 3 will enable the next reception.
HIGH SPEED
LOW SPEED
DATA BIT RATE MIN
DATA BIT RATE MAX
RECEIVER LOGIC OPERATION
BIT TIMING
BIT RATE
PULSE RISE TIME
PULSE FALL TIME
PULSE WIDTH
Figure 2 shows a block diagram of the logic section of each receiver.
The ARINC 429 specification contains the following timing specifi-
cation for the received data:
100K BPS ± 1% 12K -14.5K BPS
1.5 ± 0.5 µsec
10 ± 5 µsec
1.5 ± 0.5 µsec
10 ± 5 µsec
5 µsec ± 5%
34.5 to 41.7 µsec
The HI-3582/HI-3583 accept signals that meet these specifica-
tions and rejects signals outside the tolerances. The way the logic
operation achieves this is described below:
HIGH SPEED
LOW SPEED
FUNCTIONAL DESCRIPTION (cont.)
THE RECEIVERS
ARINC BUS INTERFACE
Figure 1 shows the input circuit for each receiver. The ARINC 429
specification requires the following detection levels:
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
STATE
DIFFERENTIAL VOLTAGE
HI-3582, HI-3583
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-3582CJIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582CJIF-10 HOLTIC-HI-3582CJIF-10 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
More results

Similar Description - HI-3582CJIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com