Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOT24-T13 Datasheet(PDF) 2 Page - Protek Devices

Part # PSOT24-T13
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT24-T13 Datasheet(HTML) 2 Page - Protek Devices

  PSOT24-T13 Datasheet HTML 1Page - Protek Devices PSOT24-T13 Datasheet HTML 2Page - Protek Devices PSOT24-T13 Datasheet HTML 3Page - Protek Devices PSOT24-T13 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSOT03
thru
PSOT36C
2
05059.R8 3/07
www.protekdevices.com
DEVICE CHARACTERISTICS
SYMBOL
VALUE
-55 to 150
°C
-55 to 150
UNITS
TL
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Forward Voltage @ 100mA, 300µs - Square Wave (See Note 1)
V F
1.5
Volts
Operating Temperature
°C
Note 1: Applies to unidirectional pins only.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., PSOT05C.
PART
NUMBER
(See Note 1)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
PSOT03
PSOT03C
PSOT05
PSOT05C
PSOT08
PSOT08C
PSOT12
PSOT12C
PSOT15
PSOT15C
PSOT24
PSOT24C
PSOT36
PSOT36C
03
03C
05
05C
08
08C
12
12C
15
15C
24
24C
36
36C
4.0
4.0
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
26.7
26.7
40.0
40.0
6.5
7.0
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
43.0
43.0
51.0
51.0
10.9V @ 43.0A
10.9V @ 43.0A
13.5V @ 42.0A
13.5V @ 42.0A
16.9V @ 34.0A
16.9V @ 34.0A
25.9V @ 21.0A
25.9V @ 21.0A
30.0V @ 17.0A
30.0V @ 17.0A
49.0V @ 12.0A
49.0V @ 12.0A
76.8V @ 9.0A
76.8V @ 9.0A
500
300
350
210
250
150
150
90
100
60
88
63
80
60
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
125
20
20
10
10
2
2
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0
36.0
36.0


Similar Part No. - PSOT24-T13

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PSOT24-LF-T7 UMW-PSOT24-LF-T7 Datasheet
594Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
More results

Similar Description - PSOT24-T13

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com