Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1774S-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DA1774S-7-F
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774S-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  2DA1774S-7-F Datasheet HTML 1Page - Diodes Incorporated 2DA1774S-7-F Datasheet HTML 2Page - Diodes Incorporated 2DA1774S-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30253 Rev. 7 - 2
3 of 3
2DA1774Q/R/S
www.diodes.com
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1, e.g. 8A = 2DA1774Q)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XXYM
Device
Packaging
Shipping
2DA1774Q-7-F
SOT-523
3000/Tape & Reel
2DA1774R-7-F
SOT-523
3000/Tape & Reel
2DA1774S-7-F
SOT-523
3000/Tape & Reel
(Note 4)
Marking Information
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
U
VW
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.


Similar Part No. - 2DA1774S-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1774S-7-F DIODES-2DA1774S-7-F Datasheet
78Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 November 2010
2DA1774S-7-F DIODES-2DA1774S-7-F Datasheet
78Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DA1774S-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
MMBT4126 DIODES-MMBT4126_15 Datasheet
118Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST3906 DIODES-MMST3906_15 Datasheet
134Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBT2907AT BILIN-MMBT2907AT Datasheet
161Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com