Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54AT-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54AT-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54AT-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54AT-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54AT-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54AT-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30259 Rev. 8 - 2
2 of 3
BAT54T /AT /CT /ST
www.diodes.com
Ordering Information (Note 4)
Device
Packaging
Shipping
BAT54T-7-F
SOT-523
3000/Tape & Reel
BAT54AT-7-F
SOT-523
3000/Tape & Reel
BAT54CT-7-F
SOT-523
3000/Tape & Reel
BAT54ST-7-F
SOT-523
3000/Tape & Reel
Notes:
4. For Packaging Details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
0.001
0.01
0.1
10
1
100
0
5
10
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1, e.g. L1 = BAT54T)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XXYM
Marking Information
0
2
4
10
8
6
12
0
10
15
5
20
30
25
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Capacitance vs. Reverse Voltage
f = 1.0MHz
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Forward Characteristics
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Derating Curve
200
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
N
P
R
S
T
U
V
W
X
Y
Z


Similar Part No. - BAT54AT-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54AT-7-F DIODES-BAT54AT-7-F Datasheet
89Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 October 2010
BAT54AT-7-F DIODES-BAT54AT-7-F Datasheet
245Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54AT-7-F DIODES-BAT54AT-7-F Datasheet
394Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54AT-7-F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com