Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282APQM Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8282APQM
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282APQM Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8282APQM Datasheet HTML 6Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 7Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 8Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 9Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 10Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 11Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 12Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 13Page - Holt Integrated Circuits HI-8282APQM Datasheet HTML 14Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HI-8282A
ADDITIONAL HI-8282A PIN CONFIGURATIONS
(See page 1 for the 44-pin Plastic Quad Flat Pack )
HOLT INTEGRATED CIRCUITS
10
HI-8282APJI
HI-8282APJT
HI-8282APJM
HI-8282ACJI
HI-8282ACJT
HI-8282ACJM
44-PIN J-LEAD CERQUAD
44-PIN CERAMIC LCC
NC
()
TX CLK (XMIT CLOCK OUT)
CLK
(MASTER CLK IN)
NC
NC
()
ENTX
(ENABLE XMIT)
()
429DO (XMIT DATA)
TX/R
(XMIT READY FLAG)
()
()
BD00
BD01
BD02
BD03
BD04
BD05
GND
MR
MASTER RESET
CWSTR CONTROL WORD STROBE
429DO
XMIT DATA
PL2
XMIT BYTE 2 LE
PL1
XMIT BYTE 1 LE
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Vcc
(REC. 1 INPUT) 429DI1(A)
(REC.1 INPUT) 429DI1(B)
(REC. 2 INPUT) 429DI2(A)
(REC. 2 INPUT) 429DI2(B)
()
()
(REC. BYTE SELECT)
SEL
()
()
BD15
BD14
BD13
BD12
BD11
BD10
BD09
BD08
BD07
BD06
REC.1 DATA FLAG D/R1
REC.2 DATA FLAG D/R2
REC. 1 OUTPUT ENABLE
EN1
REC. 2 OUTPUT ENABLE
EN2
HI-8282ACLI
HI-8282CLT
HI-8282CLM
40-PIN CERAMIC SIDE BRAZED DIP
44-PIN PLASTIC PLCC
HI-8282ACDI / CDT / CDM


Similar Part No. - HI-8282APQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282APQM HOLTIC-HI-8282APQM Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282APQM-10 HOLTIC-HI-8282APQM-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282APQMF HOLTIC-HI-8282APQMF Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282APQMF-10 HOLTIC-HI-8282APQMF-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8282APQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com