Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282APJT-10 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8282APJT-10
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282APJT-10 Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8282APJT-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 12Page - Holt Integrated Circuits HI-8282APJT-10 Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LIMITS
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
CONTROL WORD TIMING
RECEIVER TIMING
FIFO TIMING
TRANSMISSION TIMING
Pulse Width -
t
130
ns
Setup - DATA BUS Valid to
HIGH
t
130
ns
Hold -
HIGH to DATA BUS Hi-Z
t
0
ns
Delay - Start ARINC 32nd Bit to
LOW: High Speed
t
16
µs
Low Speed
t
128
µs
Delay -
LOW to
L0W
t
0
ns
Delay -
LOW to
HIGH
t
200
ns
Setup - SEL to
L0W
t
20
ns
Hold - SEL to
HIGH
t
20
ns
Delay -
L0W to DATA BUS Valid
t
200
ns
Delay -
HIGH to DATA BUS Hi-Z
t
30
ns
Pulse Width -
or
t
200
ns
Spacing -
HIGH to next
L0W
t
50
ns
Pulse Width -
or
t
200
ns
Setup - DATA BUS Valid to
HIGH
t
110
ns
Hold -
HIGH to DATA BUS Hi-Z
t
10
ns
Spacing -
or
t
0
ns
Delay -
HIGH to TX/R LOW
t
840
ns
Spacing -
HIGH to ENTX HIGH
t
0
µs
Delay - 32nd ARINC Bit to TX/R HIGH
t
400
ns
Spacing - TX/R HIGH to ENTX L0W
t
0
ns
CWSTR
CWSTR
CWSTR
D/R
D/R
EN
EN
D/R
EN
EN
EN
EN
EN1
EN2
EN
EN
PL1
PL2
PL
PL
PL1
PL2
PL2
PL2
CWSTR
CWSET
CWHLD
D/R
D/R
D/REN
END/R
SELEN
ENSEL
ENDATA
DATAEN
EN
ENEN
PL
DWSET
DWHLD
PL12
TX/R
PL2EN
DTX/R
ENTX/R
Delay - ENTX HIGH to TXA(OUT) or TXB(OUT): High Speed
t
25
µs
Delay - ENTX HIGH to TXA(OUT) or TXB(OUT): Low Speed
t
200
µs
Delay -
LOW to
LOW
t
0
ns
Hold -
HIGH to
HIGH
t
0
ns
Delay - TX/R LOW to ENTX HIGH
t
0
ns
t
200
ns
±1%
ENDAT
ENDAT
ENPL
PLEN
TX/REN
MR
REPEATER OPERATION TIMING
Master Reset Pulse Width
ARINC Data Rate and Bit Timing
EN
PL
PL
EN
HI-8282A
AC ELECTRICAL CHARACTERISTICS
HOLT INTEGRATED CIRCUITS
9
Vcc = 5V, GND = 0V, TA = Operating Temperature Range and fclk = 1MHz 0.1% with 60/40 duty cycle
+


Similar Part No. - HI-8282APJT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282APJT-10 HOLTIC-HI-8282APJT-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8282APJT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com