Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C5V1T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84C5V1T
Description  150mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C5V1T Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C5V1T Datasheet HTML 1Page - Diodes Incorporated BZX84C5V1T Datasheet HTML 2Page - Diodes Incorporated BZX84C5V1T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30262 Rev. 8 - 2
1 of 3
BZX84C2V4T - BZX84C39T
www.diodes.com
ã Diodes Incorporated
BZX84C2V4T - BZX84C39T
150mW SURFACE MOUNT ZENER DIODE
Features
·
Ultra-Small Surface Mount Package
·
Planar Die Construction
·
Lead Free/RoHS Compliant (Note 2)
Mechanical Data
A
M
J
L
D
B C
H
K
G
N
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
833
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Polarity: See Diagram
·
Marking: See Table, Page 2
·
Ordering and Marking Information, see Sheet 2
·
Weight: 0.002 grams (approximate)
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾
¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
¾
All Dimensions in mm
SPICE MODELS: BZX84C2V4T BZX84C2V7T BZX84C3V0T BZX84C3V3T BZX84C3V6T BZX84C3V9T BZX84C4V3T BZX84C4V7T
BZX84C5V1T BZX84C5V6T BZX84C6V2T BZX84C6V8T BZX84C7V5T BZX84C8V2T BZX84C9V1T BZX84C10T BZX84C11T BZX84C12T
BZX84C13T BZX84C15T BZX84C16T BZX84C18T BZX84C20T BZX84C22T BZX84C24T BZX84C27T BZX84C30T BZX84C33T BZX84C36T
BZX84C39T


Similar Part No. - BZX84C5V1T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C5V1T DIODES-BZX84C5V1T Datasheet
63Kb / 3P
   1500W SURFACE MOUNT ZENER DIODE
DS30262 Rev. 4 - 2
BZX84C5V1T DIODES-BZX84C5V1T Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
logo
Guangdong Kexin Industr...
BZX84C5V1T KEXIN-BZX84C5V1T Datasheet
1Mb / 3P
   ZENER DIODES
logo
Diodes Incorporated
BZX84C5V1TS DIODES-BZX84C5V1TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
BZX84C5V1TS DIODES-BZX84C5V1TS Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
More results

Similar Description - BZX84C5V1T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
   150mW SMD Zener Diode
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
   150mW SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com