Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847PN Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847PN
Description  COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847PN Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847PN_1 Datasheet HTML 1Page - Diodes Incorporated BC847PN_1 Datasheet HTML 2Page - Diodes Incorporated BC847PN_1 Datasheet HTML 3Page - Diodes Incorporated BC847PN_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb
Lead-free
Maximum Ratings
PNP BC857B Section
@ TA = 25°C unless otherwise specified
DS30278 Rev. 8 - 2
1 of 4
BC847PN
www.diodes.com
© Diodes Incorporated
BC847PN
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE
MOUNT TRANSISTOR
Features
Maximum Ratings
NPN BC847B Section
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Epitaxial Die Construction
Two Internally Isolated NPN/PNP Transistors in one package
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
A
M
J
L
D
B C
H
K
G
F
C
1
B
2
E
2
E
1
B
1
C
2
Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Terminal Connections: See Diagram
Marking (See Page 3): K7P
Ordering Information: See Page 2
Weight: 0.006 grams (approximate)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1) @ TA = 25
°C Total Device
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1) @ TA = 25
°C
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
All Dimensions in mm
SPICE MODEL: BC847PN


Similar Part No. - BC847PN_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN-13-F DIODES-BC847PN-13-F Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN-13-F DIODES-BC847PN-13-F Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
   NPN - PNP Silicon Multi-Chip Transistor
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results

Similar Description - BC847PN_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_08 Datasheet
94Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
BC847BVN DIODES-BC847BVN Datasheet
228Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30627 Rev. 4 - 2
BC847BVNQ DIODES-BC847BVNQ Datasheet
396Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
BC847BVN DIODES-BC847BVN_15 Datasheet
170Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
DST847BPDP6 DIODES-DST847BPDP6 Datasheet
185Kb / 8P
   COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32036 Rev. 1 - 2
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com