Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3266Y-1-201R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3266Y-1-201R
Description  1/4 Square Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3266Y-1-201R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3266Y-1-201R Datasheet HTML 1Page - Bourns Electronic Solutions 3266Y-1-201R Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Standard Resistance Table
Popular distribution resistance values listed in
boldface. Special resistances available.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SIDE ADJUST
3266Z-1
12.70
(.500)
18 ± .76
(.709 ± .030)
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
24.9 + .76
(.980 + .030)
4.0 ± .03
(.157 ± .001)
3.81 ± .71
(.150 ± .028)
1
2
3
4.32 ± .38
(.170 ± .015)
2.16 ± .25
(.085 ± .010)
.43 ± .05
(017 ± .002)
8.9 + .76 /- .5
(.035 + .030/ .020)
REF.
DIA.
DIA. TYP.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
TOP ADJUST
3266Y-1
12.70
(.500)
18 ± .76
(.709 ± .030)
4.0 ± .03
(.157 ± .001)
3.81 ± .71
(.150 ± .028)
1
2
3
25.9 ± 0.76
(1.020 ± .030)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
4.32 ± .38
(.170 ± .015)
2.16 ± .25
(.085 ± .010)
3.81 ± .71
(.150 ± .028)
REF.
DIA.
8.9 + .76 /- .5
(.035 + .030/ .020)
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Packaging Specifications
Meets EIA Specification 468.
3266 - 1/4 ” Square Trimming Potentiometer
REV. 03/07


Similar Part No. - 3266Y-1-201R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266Y-1-502 BOURNS-3266Y-1-502 Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
3266Y-1-502LF BOURNS-3266Y-1-502LF Datasheet
156Kb / 2P
   Square Trimming Potentiometer
More results

Similar Description - 3266Y-1-201R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3362 BOURNS-3362_09 Datasheet
258Kb / 2P
   1/4 ??Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
3362W-1-204LF BOURNS-3362W-1-204LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3361 BOURNS-3361 Datasheet
176Kb / 2P
   1/4 Square SMD Trimming Potentiometer
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com