Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY7120L-Q1 Datasheet(PDF) 4 Page - Power-One

Part # ZY7120L-Q1
Description  20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7120L-Q1 Datasheet(HTML) 4 Page - Power-One

  ZY7120L-Q1 Datasheet HTML 1Page - Power-One ZY7120L-Q1 Datasheet HTML 2Page - Power-One ZY7120L-Q1 Datasheet HTML 3Page - Power-One ZY7120L-Q1 Datasheet HTML 4Page - Power-One ZY7120L-Q1 Datasheet HTML 5Page - Power-One ZY7120L-Q1 Datasheet HTML 6Page - Power-One ZY7120L-Q1 Datasheet HTML 7Page - Power-One ZY7120L-Q1 Datasheet HTML 8Page - Power-One ZY7120L-Q1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ZY7120 20A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
Figure 1. Output Voltage as a Function of Input Voltage and Output Current
4.3
Protection Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Overcurrent Protection
Type
Default
Programmable
Non-Latching, 130ms period
Latching/Non-Latching
Threshold
Default
Programmable in 11 steps
50
140
140
%IOUT
%IOUT
Threshold Accuracy
-25
25
%IOCP.SET
Output Overvoltage Protection
Type
Default
Programmable
Non-Latching, 130ms period
Latching/Non-Latching
Threshold
Default
Programmable in 10% steps
110
1
130
130
%VO.SET
%VO.SET
Threshold Accuracy
Measured at VO.SET=2.5V
-2
2
%VOVP.SET
Delay
From instant when threshold is exceeded until
the turn-off command is generated
6
µs
REV. 2.1 MAR 14, 2007
www.power-one.com
Page 4 of 34


Similar Part No. - ZY7120L-Q1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY7.5 CDIL-ZY7.5 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY7.5 EIC-ZY7.5 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY7.5 VISHAY-ZY7.5 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
More results

Similar Description - ZY7120L-Q1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com