Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ12B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # UDZ12B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ12B Datasheet(HTML) 1 Page - Diodes Incorporated

  UDZ12B Datasheet HTML 1Page - Diodes Incorporated UDZ12B Datasheet HTML 2Page - Diodes Incorporated UDZ12B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
Lead-free
DS30290 Rev. 10 - 2
1 of 3
UDZ5V6B-UDZ15B
www.diodes.com
ã Diodes Incorporated
·
Ultra-Small Surface Mount Package
·
Ideally suited for Automated Assembly
Processes
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on Zener Breakdown Voltage
·
Lead Free By Design/RoHS Compliant (Note 4)
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Mechanical Data
·
Case: SOD-323
·
Case Material: UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
·
Marking & Type Code Information: See Electrical Specifications
Table
·
Ordering Information: See Last Page
·
Weight: 0.004 grams (approximate)
A
B
C
D
E
G
H
J
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
All Dimensions in mm
UDZ5V6B-UDZ15B
SURFACE MOUNT PRECISION ZENER DIODE
Type
Number
Marking
Code
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Maximum
Reverse
Current
(Note 2)
VZT @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Min (V)
Max (V)
mA
W
mA
uA
V
UDZ5V6B
BC
5.490
5.730
5
60
200
0.5
1
2.5
UDZ6V2B
BD
6.060
6.330
5
60
100
0.5
1
3.0
UDZ6V8B
BE
6.650
6.930
5
40
60
0.5
0.5
3.5
UDZ7V5B
BF
7.280
7.600
5
30
60
0.5
0.5
4.0
UDZ8V2B
BG
8.020
8.360
5
30
60
0.5
0.5
5.0
UDZ9V1B
BH
8.850
9.230
5
30
60
0.5
0.5
6.0
UDZ10B
BI
9.770
10.210
5
30
60
0.5
0.1
7.0
UDZ11B
BJ
10.760
11.220
5
30
60
0.5
0.1
8.0
UDZ12B
BK
11.740
12.240
5
30
80
0.5
0.1
9.0
UDZ13B
BL
12.910
13.490
5
37
80
0.5
0.1
10.0
UDZ15B
BM
14.340
14.980
5
42
80
0.5
0.1
11.0
Electrical Characteristics
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. The zener impedances (ZZT, ZZK) are measured by superimposing a minute alternating current on the regulated current (IZ).
4. No purposefully added lead
.
@ TA = 25°C unless otherwise specified
Thermal Characteristics
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°
C/W
Power Dissipation (Note 1)
Pd
200
mW
Features


Similar Part No. - UDZ12B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ12B ROHM-UDZ12B Datasheet
58Kb / 3P
   Zener diode
logo
Diodes Incorporated
UDZ12B DIODES-UDZ12B Datasheet
89Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 5 - 1
UDZ12B DIODES-UDZ12B Datasheet
135Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
UDZ12B DIODES-UDZ12B Datasheet
206Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
logo
Diode Semiconductor Kor...
UDZ12B DSK-UDZ12B Datasheet
312Kb / 5P
   Surface mount zener diode
More results

Similar Description - UDZ12B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com