Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20MT15C Datasheet(PDF) 1 Page - Protek Devices

Part # SM20MT15C
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM20MT15C Datasheet(HTML) 1 Page - Protek Devices

  SM20MT15C Datasheet HTML 1Page - Protek Devices SM20MT15C Datasheet HTML 2Page - Protek Devices SM20MT15C Datasheet HTML 3Page - Protek Devices SM20MT15C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM20MT05C
thru
SM20MT24C
1
05079.R7 4/05
www.protekdevices.com
STANDARD CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Parallel Port
✔ RS-232, RS-422 & RS-423 Data Lines
✔ Industrial & Instrumentation Equipment
✔ Board Level Interface Protection
✔ I/O Port Protection
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
FEATURES
✔ 1500 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ ESD Protection > 40 kilovolts
✔ Protection for 8 or 9 Bidirectional Data Lines
✔ Externally Low Clamping Voltage
✔ Available in 4 Voltage Types Ranging From 5V to 24V
✔ Bidirectional Configuration
✔ Monolithic Design
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-20WB (Wide Body) Package
✔ Weight 0.5 grams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability rating UL 94V-0
✔ 24mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
SO-20WB
(Wide Body)
PIN CONFIGURATIONS
2
5
4
20
3
6
7
8
11
12
13
15
16
17
18
1
9
10
14
19
IN 1
IN 2
IN 3
IN 4
IN 5
GND
IN 6
IN 7
IN 8
I N 9
OUT 1
OUT 2
OUT 3
OUT 4
OUT5
GND
OUT 6
OUT 7
OUT 8
OUT 9
2
5
4
20
3
6
7
8
11
12
13
15
16
17
18
1
9
10
14
19
GND
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
IN 8
GND
GND
OUT 1
OUT 2
OUT 3
OUT4
OUT 5
OUT 6
OUT 7
OUT 8
GND
EQUALTO 8 BIDIRECTIONALTVS DEVICES
EQUALTO 9 BIDIRECTIONALTVS DEVICES


Similar Part No. - SM20MT15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT15C PROTEC-SM20MT15C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - SM20MT15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com