Electronic Components Datasheet Search |
|
SN74GTLP817PW Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74GTLP817PW Datasheet(HTML) 4 Page - Texas Instruments |
4 / 19 page www.ti.com Absolute Maximum Ratings (1) SN74GTLP817 GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER SCES285E – OCTOBER 1999 – REVISED APRIL 2005 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V |VGNDG – VGNDT| Ground dc voltage difference 0.3 V AI port and control inputs –0.5 7 VI Input voltage range(2) V BI port and VREF –0.5 4.6 AO port –0.5 7 Voltage range applied to any output in the VO V high-impedance or power-off state(2) BO port –0.5 4.6 AO port 24 IO Current into any output in the low state mA BO port 100 IO Current into any A output in the high state(3) 24 mA Continuous current through each VCC or GND ±100 mA IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA DGV package 86 θ JA Package thermal impedance(4) DW package 46 °C/W PW package 88 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (3) This current flows only when the output is in the high state and VO > VCC. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 4 |
Similar Part No. - SN74GTLP817PW |
|
Similar Description - SN74GTLP817PW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |