Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA115TE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA115TE
Description  PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA115TE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA115TE Datasheet HTML 1Page - Diodes Incorporated DDTA115TE Datasheet HTML 2Page - Diodes Incorporated DDTA115TE Datasheet HTML 3Page - Diodes Incorporated DDTA115TE Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30319 Rev. 5 - 2
2 of 4
DDTA (R1-ONLY SERIES) E
www.diodes.com
Characteristic
Symbol
Min
Typ
Max Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾
¾
V
IC = -50mA
Collector-Emitter Breakdown Voltage
BVCEO
-50
¾
¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
¾
¾
V
IE = -50mA
Collector Cutoff Current
ICBO
¾
¾
-0.5
m
A
VCB = -50V
Emitter Cutoff Current
IEBO
¾
¾
-0.5
m
A
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾
¾
-0.3
V
IC/IB = -10mA/-1mA
DDTA113TE
IC/IB = -5mA/-0.5mA
DDTA123TE
IC/IB = -2.5mA/-.25mA DDTA143TE
IC/IB = -1mA/-.1mA
DDTA114TE
IC/IB = -5mA/-0.5mA
DDTA124TE
IC/IB = -2.5mA/-.25mA DDTA144TE
IC/IB = -1mA/-0.1mA
DDTA115TE
IC/IB = -.5mA/-.05mA
DDTA125TE
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Device
Packaging
Shipping
DDTA113TE-7-F
SOT-523
3000/Tape & Reel
DDTA123TE-7-F
SOT-523
3000/Tape & Reel
DDTA143TE-7-F
SOT-523
3000/Tape & Reel
DDTA114TE-7-F
SOT-523
3000/Tape & Reel
DDTA124TE-7-F
SOT-523
3000/Tape & Reel
DDTA144TE-7-F
SOT-523
3000/Tape & Reel
DDTA115TE-7-F
SOT-523
3000/Tape & Reel
DDTA125TE-7-F
SOT-523
3000/Tape & Reel
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 3)
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key
XXXYM
Marking Information
XXX = Product Type Marking Code (See Page 1, e.g. P01 = DDTA113TE)
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September


Similar Part No. - DDTA115TE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA115TE DIODES-DDTA115TE Datasheet
71Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR
DS30319 Rev. 2 - 2
DDTA115TE DIODES-DDTA115TE Datasheet
751Kb / 6P
   PNP PRE-BIASED TRANSISTOR IN SOT523
Rev. 9 - 2 June 2021
DDTA115TE-7 DIODES-DDTA115TE-7 Datasheet
71Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR
DS30319 Rev. 2 - 2
DDTA115TE-7-F DIODES-DDTA115TE-7-F Datasheet
751Kb / 6P
   PNP PRE-BIASED TRANSISTOR IN SOT523
Rev. 9 - 2 June 2021
More results

Similar Description - DDTA115TE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123EE DIODES-DDTA123EE_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 6- 2
DDTA114GE DIODES-DDTA114GE_1 Datasheet
444Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 5 - 2
DDTA123EE DIODES-DDTA123EE Datasheet
69Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 2 - 2
DDTA113ZE DIODES-DDTA113ZE_1 Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 6 - 2
DDTA114GE DIODES-DDTA114GE Datasheet
70Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 2 - 2
DDTA113TE DIODES-DDTA113TE Datasheet
71Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR
DS30319 Rev. 2 - 2
DDTC114GE DIODES-DDTC114GE Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 3 - 1
DDTC113ZE DIODES-DDTC113ZE_1 Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com