Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9160TS-3.6 Datasheet(PDF) 8 Page - Etron Technology, Inc.

Part # EM6A9160TS-3.6
Description  8M x 16 DDR Synchronous DRAM (SDRAM)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9160TS-3.6 Datasheet(HTML) 8 Page - Etron Technology, Inc.

Back Button EM6A9160TS-3.6 Datasheet HTML 4Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 5Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 6Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 7Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 8Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 9Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 10Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 11Page - Etron Technology, Inc. EM6A9160TS-3.6 Datasheet HTML 12Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
EtronTech
8Mx16 DDR SDRAM
EM6A9160
8
Rev. 1.4
May 2006
CAS Latency Field (A6~A4)
This field specifies the number of clock cycles from the assertion of the Read command to
the first read data. The minimum whole value of CAS Latency depends on the frequency of
CK. The minimum whole value satisfying the following formula must be programmed into this
field. tCAC(min)
≤ CAS Latency X tCK
A6
A5
A4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
Reserved
0
1
1
3 clocks
1
0
0
4 clocks
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Test Mode field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal
operation.
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset
X
1
Test mode
( BS0, BS1)
BS1
BS0
An ~ A0
RFU
0
MRS Cycle
RFU
1
Extended Functions (EMRS)


Similar Part No. - EM6A9160TS-3.6

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA-4G ETRON-EM6A9160TSA-4G Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSC-4G ETRON-EM6A9160TSC-4G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
EM6A9160TSC-5G ETRON-EM6A9160TSC-5G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
More results

Similar Description - EM6A9160TS-3.6

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9160TSC-4G ETRON-EM6A9160TSC-4G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C8M16SA-6TIN ALSC-AS4C8M16SA-6TIN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com