Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9320BI-4M Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM6A9320BI-4M
Description  4M x 32 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9320BI-4M Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM6A9320BI-4M Datasheet HTML 2Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 3Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 4Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 5Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 6Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 7Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 8Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 9Page - Etron Technology, Inc. EM6A9320BI-4M Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
EtronTech
4Mx32 DDR SDRAM
EM6A9320BI
6
Rev 0.9C
May 2006
VSS
Supply Ground: Ground for the input buffers and core logic.
VDDQ
Supply DQ Power: Provide isolated power to DQs for improved noise immunity.
VSSQ
Supply DQ Ground: Provide isolated ground to DQs for improved noise immunity.
VREF
Supply Reference Voltage for Inputs: +0.5 x VDDQ
NC
-
No Connect: These pins should be left unconnected.
Note: The timing reference point for the differential clocking is the cross point of the CK and CK#. For any
applications using the single ended clocking, apply VREF to CK# pin.
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CK. Table 2 shows
the truth table for the operation commands.
Table 2. Truth Table (Note (1), (2) )
Command
State
CKEn-1 CKEn DM BA1 BA0 A8 A11-A9, A7-0 CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
V
Row Address
L
L
H
H
BankPrecharge
Any
H
X
X
V
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
V
V
V
L
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
V
V
V
H
L
H
L
L
Read
Active(3)
H
X
X
V
V
L
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
X
V
V
H
Column
Address
A0~A7
L
H
L
H
Mode Register Set
Idle
H
X
X
L
L
L
L
L
L
Extended Mode Register Set
Idle
H
X
X
L
H
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
X
L
H
H
H
Device Deselect
Any
H
X
X
X
X
X
X
H
X
X
X
Burst Stop
Active(4)
H
X
X
X
X
X
X
L
H
H
L
AutoRefresh
Idle
H
H
X
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
X
L
L
L
H
H
X
X
X
SelfRefresh Exit
Idle
(Self Refresh)
L
H
X
X
X
X
X
L
H
H
H
H
X
X
X
Power Down Mode Entry Idle/Active(5)
H
L
X
X
X
X
X
L
H
H
H
H
X
X
X
Power Down Mode Exit
Any
(Power Down)
L
H
X
X
X
X
X
L
H
H
H
Data Write/
Output Enable
Active
H
X
L
X
X
X
X
X
X
X
X
Data Mask/
Output Disable
Active
H
X
H
X
X
X
X
X
X
X
X
Note: 1. V = Valid data, X = Don't Care, L = Low level, H = High level
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA0, BA1signals.
4. Read burst stop with BST command for all burst types.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.


Similar Part No. - EM6A9320BI-4M

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI-4 ETRON-EM6A9320BI-4 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-4 ETRON-EM6A9320BI-4 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
More results

Similar Description - EM6A9320BI-4M

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320 ETRON-EM6A9320_06 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
   4M x 32 SDRAM / 2M x 8 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com