Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE2009S Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LCE2009S
Description  NPN microwave power transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LCE2009S Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LCE2009S Datasheet HTML 5Page - NXP Semiconductors LCE2009S Datasheet HTML 6Page - NXP Semiconductors LCE2009S Datasheet HTML 7Page - NXP Semiconductors LCE2009S Datasheet HTML 8Page - NXP Semiconductors LCE2009S Datasheet HTML 9Page - NXP Semiconductors LCE2009S Datasheet HTML 10Page - NXP Semiconductors LCE2009S Datasheet HTML 11Page - NXP Semiconductors LCE2009S Datasheet HTML 12Page - NXP Semiconductors LCE2009S Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Mar 03
9
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
Fig.8 Load power as a function of input power.
f = 2 GHz; Tmb =25 °C.
VCE = 18 V; IC =30mA.
(1) Gpo =11dB.
handbook, halfpage
0
typ
10
30
300
0
100
200
20
MGD992
PL
(mW)
Pi (mW)
(1)
PL1
Fig.9
s12 as a function of collector current.
handbook, halfpage
0
IC (mA)
20
40
80
10
0
60
5
typ
MGD993
S12
(dB)
Class-A operation.
f = 2 GHz; Tmb =25 °C; VCE =18V.
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15


Similar Part No. - LCE2009S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE2003 LEIDITECH-LCE2003 Datasheet
1Mb / 10P
   N and P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LCE2009S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com