Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEE1015 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LEE1015
Description  NPN microwave power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LEE1015 Datasheet(HTML) 4 Page - NXP Semiconductors

  LEE1015 Datasheet HTML 1Page - NXP Semiconductors LEE1015 Datasheet HTML 2Page - NXP Semiconductors LEE1015 Datasheet HTML 3Page - NXP Semiconductors LEE1015 Datasheet HTML 4Page - NXP Semiconductors LEE1015 Datasheet HTML 5Page - NXP Semiconductors LEE1015 Datasheet HTML 6Page - NXP Semiconductors LEE1015 Datasheet HTML 7Page - NXP Semiconductors LEE1015 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Feb 18
4
Philips Semiconductors
Product specification
NPN microwave power transistor
LEE1015T
THERMAL CHARACTERISTICS
Note
1. See
“Mounting recommendations in the General part of handbook SC15”.
CHARACTERISTICS
Tmb =25 °C unless otherwise specified.
APPLICATION INFORMATION
Microwave performance up to Tmb =25 °C in the test circuit.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj =75 °C
12
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
note 1
0.6
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
ICBO
collector cut-off current
VCB =40V; IE = 0
400
µA
ICER
collector cut-off current
VCE =40V; RBE =10 Ω
20
mA
IEBO
emitter cut-off current
VEB = 1.5 V; IC = 0
400
µA
MODE OF OPERATION
f
(MHz)
VCE
(V)
IC
(mA)
PL1
(W)
Gpo
(dB)
Class A
860
20
140
>1; typ. 1.3
>13; typ. 14.5
MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15


Similar Part No. - LEE1015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LEE-128G032 VISHAY-LEE-128G032 Datasheet
180Kb / 3P
   LED Display Modules
01-Jan-2022
LEE-128G032 VISHAY-LEE-128G032 Datasheet
181Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032-1 VISHAY-LEE-128G032-1 Datasheet
180Kb / 3P
   LED Display Modules
01-Jan-2022
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
   LED Display Modules
Revision: 07-Dec-12
LEE-128G032B VISHAY-LEE-128G032B Datasheet
137Kb / 3P
   LED Display Modules
01-Jan-2023
More results

Similar Description - LEE1015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
PZB16035U PHILIPS-PZB16035U Datasheet
67Kb / 12P
   NPN microwave power transistor
1997 Feb 18
RZ1214B35Y PHILIPS-RZ1214B35Y Datasheet
69Kb / 8P
   NPN microwave power transistor
1997 Feb 18
MX1011B700Y PHILIPS-MX1011B700Y Datasheet
91Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
   NPN microwave power transistor
1997 Feb 18
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
PVB42004X PHILIPS-PVB42004X Datasheet
64Kb / 8P
   NPN microwave power transistor
1997 Feb 19
PXB16050U PHILIPS-PXB16050U Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LXE18300X PHILIPS-LXE18300X Datasheet
51Kb / 8P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com