Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9320 Datasheet(PDF) 7 Page - Etron Technology, Inc.

Part # EM6A9320
Description  4M x 32 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9320 Datasheet(HTML) 7 Page - Etron Technology, Inc.

Back Button EM6A9320_06 Datasheet HTML 3Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 4Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 5Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 6Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 7Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 8Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 9Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 10Page - Etron Technology, Inc. EM6A9320_06 Datasheet HTML 11Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
EtronTech
4Mx32 DDR SDRAM
EM6A9320
7
Rev 0.6
May. 2006
Extended Mode Register Set (EMRS)
The Extended Mode Register Set stores the data for enabling or disabling DLL and selecting output driver
strength. The default value of the extended mode register is not defined, therefore must be written after power
up for proper operation. The extended mode register is written by asserting low on CS#, RAS#, CAS#, and
WE#. The state of A0, A2 ~ A5, A7 ~ A11and BA1 is written in the mode register in the same cycle as CS#,
RAS#, CAS#, and WE# going low. The DDR SDRAM should be in all bank precharge with CKE already high
prior to writing into the extended mode register. A1 and A6 are used for setting driver strength to normal, weak
or matched impedance. Two clock cycles are required to complete the write operation in the extended mode
register. The mode register contents can be changed using the same command and clock cycle requirements
during operation as long as all banks are in the idle state. A0 is used for DLL enable or disable. "High" on BA0
is used for EMRS. Refer to the table for specific codes.
Extended Mode Resistor Bitmap
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
RFU must be set to “0”
DS1
RFU must be set to “0”
DS0
DLL
BA0 Mode
A6 A1
Drive Strength
Strength
Comment
A0
DLL
0
MRS
0
0
Full
100%
0
Enable
1
EMRS
0
1
SSTL-2 weak
60%
1
Disable
1
0
RFU
RFU
Do not use
1
1 Matched impedance
30%
Output driver matches impedance
Power up Sequence
Power up must be performed in the following sequence.
1) Apply power to VDD before or at the same time as VDDQ, VTT and VREF when all input signals are held
"NOP" state and maintain CKE “LOW”.
2) Start clock and maintain stable condition for minimum 200us.
3) Issue a “NOP” command and keep CKE “HIGH”
4) Issue a “Precharge All” command.
5) Issue EMRS – enable DLL.
6) Issue MRS – reset DLL. (An additional 200 clock cycles are required to lock the DLL).
7) Precharge all banks of the device.
8) Issue two or more Auto Refresh commands.
9) Issue MRS – with A8 to low to initialize the mode register.


Similar Part No. - EM6A9320_06

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BI-28 ETRON-EM6A9320BI-28 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-30 ETRON-EM6A9320BI-30 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-33 ETRON-EM6A9320BI-33 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-35 ETRON-EM6A9320BI-35 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
More results

Similar Description - EM6A9320_06

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
   4M x 32 SDRAM / 2M x 8 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com