Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC115GUA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC115GUA
Description  NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC115GUA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC115GUA Datasheet HTML 1Page - Diodes Incorporated DDTC115GUA Datasheet HTML 2Page - Diodes Incorporated DDTC115GUA Datasheet HTML 3Page - Diodes Incorporated DDTC115GUA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30324 Rev. 6 - 2
2 of 4
DDTC (R2-ONLY SERIES) UA
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
¾¾
V
IC = 50
mA
Collector-Emitter Breakdown Voltage
BVCEO
50
¾¾
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
¾
¾
V
IE = 720
mA, DDTC114GUA
IE = 330
mA, DDTC124GUA
IE = 160
mA, DDTC144GUA
IE = 72
mA, DDTC115GUA
Collector Cutoff Current
ICBO
¾¾
0.5
mA
VCB = 50V
Emitter Cutoff Current
DDTC114GUA
DDTC124GUA
DDTC144GUA
DDTC115GUA
IEBO
300
140
65
30
¾
580
260
130
58
mA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
0.3
V
IC = 10mA, IB = 0.5mA
DC Current Transfer Ratio
DDTC114GUA
DDTC124GUA
DDTC144GUA
DDTC115GUA
hFE
30
56
68
82
¾¾
¾
IC = 5mA, VCE = 5V
Bleeder Resistor (R2) Tolerance
DR2
-30
¾
+30
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = -5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Device
Packaging
Shipping
DDTC114GUA-7-F
SOT-323
3000/Tape & Reel
DDTC124GUA-7-F
SOT-323
3000/Tape & Reel
DDTC144GUA-7-F
SOT-323
3000/Tape & Reel
DDTC115GUA-7-F
SOT-323
3000/Tape & Reel
Ordering Information (Note 4 & 5)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XXX = Product Type Marking Code, See Table on Page 1
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
4. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date
code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
UV
W


Similar Part No. - DDTC115GUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC115GUA DIODES-DDTC115GUA Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
DDTC115GUA DIODES-DDTC115GUA Datasheet
132Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTC115GUA-7 DIODES-DDTC115GUA-7 Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
More results

Similar Description - DDTC115GUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
DDTC123EUA DIODES-DDTC123EUA Datasheet
195Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 4 - 2
DDTC123EUA DIODES-DDTC123EUA_1 Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC113ZUA DIODES-DDTC113ZUA_1 Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30322 Rev. 8 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDTC113ZUA DIODES-DDTC113ZUA Datasheet
193Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30322 Rev. 3 - 2
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA113ZUA DIODES-DDTA113ZUA Datasheet
197Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com