Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9320BI-3.0 Datasheet(PDF) 10 Page - Etron Technology, Inc.

Part # EM6A9320BI-3.0
Description  4M x 32 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9320BI-3.0 Datasheet(HTML) 10 Page - Etron Technology, Inc.

Back Button EM6A9320BI-3.0 Datasheet HTML 6Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 7Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 8Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 9Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 10Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 11Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 12Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 13Page - Etron Technology, Inc. EM6A9320BI-3.0 Datasheet HTML 14Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EtronTech
4Mx32 DDR SDRAM
EM6A9320
10
Rev 0.6
May. 2006
Decoupling Capacitance Guide Line
Symbol
Parameter
Value
Unit
CDC1
Decouping Capacitance between VDD and VSS
0.1+0.01
uF
CDC2
Decouping Capacitance between VDDQ and VSSQ
0.1+0.01
uF
AC Input Operating Conditions
(VDD = 2.8V
± 5%, Ta = 0~70 °C)
Symbol
Parameter
Min
Max
Unit
VIH
Input High Voltage; DQ
VREF+0.4
-
V
VIL
Input Low Voltage; DQ
-
VREF-0.4
V
VID
Clock Input Differential Voltage; Ck & CK#
0.8
VDDQ+0.6
V
VIX
Clock Input Crossing Point Voltage; Ck & CK#
0.5xVDDQ-0.2
0.5xVDDQ+0.2
V
AC Operating Test Conditions
(VDD = 2.8V
± 5%, Ta = 0~70 °C)
Reference Level of Output Signals (VRFE)
0.5 x VDDQ
CK & CK# signal maximum peak swing
1.5V
Output Load
See Figure. A Test Load
Input Signal Levels
VREF+0.4 V / VREF-0.4 V
Input Signals Slew Rate
1 V/ns
Input timing measurement reference level
VREF
Output timing measurement reference level
VTT
Reference Level of Input Signals
0.5 x VDDQ
Figure A. Test Load
50
DQ,DQS
30pF
VTT=0.5 x VDDQ
Z0=50 W
VREF=0.5 x VDDQ


Similar Part No. - EM6A9320BI-3.0

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI-30 ETRON-EM6A9320BI-30 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-33 ETRON-EM6A9320BI-33 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-35 ETRON-EM6A9320BI-35 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
More results

Similar Description - EM6A9320BI-3.0

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
   4M x 32 SDRAM / 2M x 8 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com