Part Name
         Description
EM6AA320-XXMS

 8M x 32 DDR SDRAM ( 16 Page)


ETRON
100% 
Zoom Out Zoom In
 6 page
background image
EtronTech
8Mx32 DDR SDRAM
EM6AA320-XXMS
6
Rev 0.7
May. 2006
Mode Register Set (MRS)
The mode register is divided into various fields depending on functionality.
Burst Length Field (A2, A1, A0)
This field specifies the data length of column access and selects the Burst Length.
Addressing Mode Select Field (A3)
The Addressing Mode can be Interleave Mode or Sequential Mode. Both Sequential Mode and
Interleave Mode support burst length of 2, 4 and 8. Full page burst length is only for Sequential mode.
CAS# Latency Field (A6, A5, A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first
read data. The minimum whole value of CAS# Latency depends on the frequency of CK. The
minimum whole value satisfying the following formula must be programmed into this field.
tCAC(min)
≦ CAS# Latency X tCK
Test Mode field :A7; DLL Reset Mode field : A8
These two bits must be programmed to "00" in normal operation.
( BA0, BA1)
Mode Resistor Bitmap
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
Mode RFU must be set to “0” DLL
TM
CAS Latency
BT
Burst Lenght
BA0
Register Mode
A8
A7
Mode
A3
Type
0
MRS
0
0
Normal
0
Sequential
1
EMRS
1
0
Reset DLL
1
Interleave
0
1
Test Mode
A6
A5
A4
CAS Latency
A2
A1
A0
Burst Length
0
1
0
Reserved
0
0
1
2
0
1
1
3 clocks
0
1
0
4
1
0
0
4 clocks
0
1
1
8
All other Reserved
1
1
1
Full Page (Sequential)
All other Reserved
Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Start Address
Burst Length
A2
A1
A0
Sequential
Interleave
X
X
0
0, 1
0, 1
2
X
X
1
1, 0
1, 0
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
4
X
1
1
3, 0, 1, 2
3, 2, 1, 0
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
8
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EM6A91608M x 16 DDR Synchronous DRAM SDRAM 1 2 3 4 5 MoreEtron Technology, Inc.
EM6A9320BI4M x 32 DDR SDRAM 1 2 3 4 5 MoreEtron Technology, Inc.
HY5DU561622EFP256Mb DDR SDRAM 1 2 3 4 5 MoreHynix Semiconductor
EM6A9320_064M x 32 DDR SDRAM 1 2 3 4 5 MoreEtron Technology, Inc.
K4H560438H256Mb H-die DDR SDRAM Specification 1 2 3 4 5 MoreSamsung semiconductor
EM6AA3208M x 32 DDR SDRAM 1 2 3 4 5 MoreEtron Technology, Inc.
K4H561638H256Mb H-die DDR SDRAM Specification 1 2 3 4 5 MoreSamsung semiconductor
HY5DU56422CT-D4256M-P DDR SDRAM 1 2 3 4 5 MoreHynix Semiconductor
K4H510438D512Mb D-die DDR SDRAM Specification 1 2 3 4 5 MoreSamsung semiconductor
UR5595DDR TERMINATION REGULATOR 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl