Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM562161BC-70 Datasheet(PDF) 10 Page - Etron Technology, Inc.

Part # EM562161BC-70
Description  128K x 16 Low Power SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM562161BC-70 Datasheet(HTML) 10 Page - Etron Technology, Inc.

Back Button EM562161BC-70 Datasheet HTML 4Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 5Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 6Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 7Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 8Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 9Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 10Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 11Page - Etron Technology, Inc. EM562161BC-70 Datasheet HTML 12Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EtronTech
EM562161
Preliminary
10
Rev 1.0
July 2001
Write Cycle4
(UB#, LB# Controlled)(See Note 4)
tAS
A d d r e ss
tW C
t W P
t W R
W E #
t W HZ
tDS
t DH
tCW
tCW
tBW
C E 1 #
U B #
L B #
,
C E 2
D
O UT
D IN
(S e e No te 5)
V AL I D DA T A IN
t BLZ
tLZ
Note:
1. WE# remains HIGH for the read cycle.
2. If CE1# goes LOW (or CE2 goes HIGH) with or after WE# goes LOW, the outputs will remain at high
impedance.
3. If CE1# goes HIGH (or CE2 goes LOW) coincident with or before WE# goes HIGH, the outputs will remain at
high impedance.
4. If OE# is HIGH during the write cycle, the outputs will remain at high impedance.
5. Because I/O signals may be in the output state at this time, input signals of reverse polarity must not be
applied.


Similar Part No. - EM562161BC-70

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM56200A EMC-EM56200A Datasheet
202Kb / 13P
   TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
logo
Etron Technology, Inc.
EM562081 ETRON-EM562081 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-70 ETRON-EM562081BC-70 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-85 ETRON-EM562081BC-85 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
More results

Similar Description - EM562161BC-70

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_13 Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816_1008 LYONTEK-LY6212816_1008 Datasheet
282Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com