Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM564161BC-70 Datasheet(PDF) 5 Page - Etron Technology, Inc.

Part # EM564161BC-70
Description  256K x 16 Low Power SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM564161BC-70 Datasheet(HTML) 5 Page - Etron Technology, Inc.

  EM564161BC-70 Datasheet HTML 1Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 2Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 3Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 4Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 5Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 6Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 7Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 8Page - Etron Technology, Inc. EM564161BC-70 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EtronTech
EM564161
5
Rev 3.1
Apr. 2004
DC Characteristics (Ta = -40
°C to 85°C, VDD = 2.3V to 3.6V)
Parameter
Symbol
Test Conditions
Min
Typ*
Max Unit
Input low current
IIL
IIN = 0V to VDD
- 1
1
µA
Output low
voltage
VOL
IOL = 2.1 mA
-
0.4
V
Output high
voltage
VOH
IOH = -1.0 mA
VDD -
0.15
V
VDD = 3.6 V
20
35
VDD = 2.7 V
13
25
Cycle time
= min
55
VDD = 2.3 V
10
20
VDD = 3.6 V
15
25
VDD = 2.7 V
10
15
IDD1
70/85
VDD = 2.3 V
7
12
Operating current
IDD2
CE1# = VIL and
CE2 = VIH and
IOUT = 0mA
Other Input = VIH / VIL
Cycle time = 1
µs
5
mA
IDDS1 CE1# = VIH or CE2 = VIL
0.5
mA
VDD = 3.6 V
1
10
VDD = 2.7 V
0.8
5
Standby current
IDDS2**
(Note)
CE1# = VDD – 0.2V or
CE2 = 0.2V
55/70/85
VDD = 2.3 V
0.5
3
µA
55E/70E/85
E
VDD = 3.6 V
5
80
Notes:
* Typical value are measured at Ta = 25
°C.
** In standby mode with CE1#
≥ VDD - 0.2V, these limits are assured for the condition
CE2
≥ VDD - 0.2V or CE2 ≤ 0.2V.
Capacitance (Ta = 25
°C; f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Input capacitance
CIN
10
pF
VIN = GND
Output capacitance
COUT
10
pF
VOUT = GND
Notes: This parameter is periodically sampled and is not 100% tested.


Similar Part No. - EM564161BC-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564161BC-70 ETRON-EM564161BC-70 Datasheet
370Kb / 13P
   256K x 16 Low Power SRAM
More results

Similar Description - EM564161BC-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM584161 ETRON-EM584161 Datasheet
249Kb / 13P
   256K x 16 Low Power SRAM
EM564161 ETRON-EM564161 Datasheet
370Kb / 13P
   256K x 16 Low Power SRAM
EM564166 ETRON-EM564166 Datasheet
158Kb / 11P
   256K x 16 Low Power SRAM
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com