Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM567169BC-60 Datasheet(PDF) 5 Page - Etron Technology, Inc.

Part # EM567169BC-60
Description  2M x 16 Pseudo SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM567169BC-60 Datasheet(HTML) 5 Page - Etron Technology, Inc.

  EM567169BC-60 Datasheet HTML 1Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 2Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 3Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 4Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 5Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 6Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 7Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 8Page - Etron Technology, Inc. EM567169BC-60 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EtronTech
EM567169BC
5
Rev 0.6
Apr. 2004
DC Characteristics
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ILI
Input Leakage
Current
VIN = VSS to VCC
-1
1
µA
ILO
Output Leakage
Current
VIO = VSS to VCC
CE1# = VIH, CE2 = VIL or
OE# = VIH or WE# = VIL
-1
1
µA
70ns/85ns
35
ICC1
Operating Current
@ Min Cycle Time
Cycle time = Min., 100% duty,
IIO = 0mA, CE1# = VIL, CE2 =
VIH, VIN = VIH or VIL
60ns/65ns
45
mA
ISB1
Standby Current
(CMOS)
CE1# = VCC – 0.2V and
CE2 = VCC – 0.2V,
Other inputs = VSS ~ VCC
100
µA
ISBD
Deep Power Down
(0Mb refresh)
CE1#
≤ 0.2V and CE2 ≤ 0.2V, Other inputs =
VSS ~ VCC
10
µA
VOL
Output Low
Voltage
IOL = 2.1mA
0.4
V
VOH
Output High
Voltage
IOH = -1.0mA
2.4
V
Capacitance (Ta = 25
°C; f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Input capacitance
CIN
8
pF
VIN = GND
Output capacitance
COUT
10
pF
VOUT = GND
Notes: These parameters are sampled and not 100% tested.


Similar Part No. - EM567169BC-60

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
More results

Similar Description - EM567169BC-60

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Hynix Semiconductor
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Sanyo Semicon Device
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com