Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM567169BC-70 Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM567169BC-70
Description  2M x 16 Pseudo SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM567169BC-70 Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM567169BC-70 Datasheet HTML 2Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 3Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 4Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 5Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 6Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 7Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 8Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 9Page - Etron Technology, Inc. EM567169BC-70 Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EtronTech
EM567169BC
6
Rev 0.6
Apr. 2004
AC Characteristics and Operating Conditions
(Ta = -25
°C to 85°C, VCC = 2.7V to 3.3V)
-60
-65
-70
-85
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Read Cycle
tRC
Read Cycle Time
60
15000
65
15000
70
15000
85
15000
ns
tAA
Address Access Time
60
65
70
85
ns
tCO1
Chip Enable (CE1#) Access Time
60
65
70
85
ns
tCO2
Chip Enable (CE2) Access Time
60
65
70
85
ns
tOE
Output Enable access time
45
45
45
45
ns
tBA
Data Byte Control Access Time
60
65
70
85
ns
tLZ
Chip Enable Low to Output in Low-
Z
10
10
10
10
ns
tOLZ
Output enable Low to Output in
Low-Z
5
5
5
5
ns
tBLZ
Data Byte Control Low to Output in
Low-Z
10
10
10
10
ns
tHZ
Chip Enable High to Output in
High-Z
20
25
25
35
ns
tOHZ
Output Enable High to Output in
High-Z
20
25
25
35
ns
tBHZ
Data Byte Control High to Output
in High-Z
20
25
25
35
ns
tOH
Output Data Hold Time
10
10
10
10
ns
tPM
Normal to Page Read Cycle Time
60
15000
65
15000
70
15000
85
15000
ns
tPC
Page Cycle Time
18
20
25
30
ns
tPA
Page Mode Address Access Time
18
20
25
30
ns
Write Cycle
tWC
Write Cycle Time
60
65
70
85
ns
tWP
Write Pulse Width
45
50
50
60
ns
tAW
Address Valid to End of Write
50
55
60
70
ns
tCW
Chip Enable to End of Write
50
55
60
70
ns
tBW
Data Byte Control to End of Write
50
55
60
70
ns
tAS
Address Setup Ttime
0
0
0
0
ns
tWR
Write Recovery Time
0
0
0
0
ns
tWHZ
WE# Low to Output in High-Z
20
20
20
30
ns
tOW
WE# High to Output in Low-Z
5
5
5
5
ns
tDW
Data to Write Overlap
30
30
30
35
ns
tDH
Data Hold Time
0
0
0
0
ns


Similar Part No. - EM567169BC-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
More results

Similar Description - EM567169BC-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Hynix Semiconductor
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Sanyo Semicon Device
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com