Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM584161BC-85 Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM584161BC-85
Description  256K x 16 Low Power SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM584161BC-85 Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM584161BC-85 Datasheet HTML 5Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 6Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 7Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 8Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 9Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 10Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 11Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 12Page - Etron Technology, Inc. EM584161BC-85 Datasheet HTML 13Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EtronTech
EM584161
11
Rev 2.0
Nov. 2003
Data Retention Characteristics (Ta = -40
°C to 85°C)
Symbol
Parameter
Min
Typ
Max
Unit
VDR
Data Retention Supply
Voltage
CE1#
≥ VDD - 0.2V, CE2 ≤ 0.2V,
VIN
≥ VDD - 0.2V or VIN ≤ 0.2V
0.9
1.95
V
IDR
Data Retention Current
VDD = 0.9V, CE1#
≥ VDD - 0.2V,
CE2
≤ 0.2V, VIN ≥ VDD - 0.2V or
VIN
≤ 0.2V
4.0
µA
tSDR Chip Deselect to Data Retention Mode Time
0
ns
tRDR Recovery Time
tRC
ns
CE1# Controlled Data Retention Mode
CE2 Controlled Data Retention Mode
Note:
1. CE1#
≥ VDD – 0.2V or UB# = LB# ≥ VDD – 0.2V
2. CE2
≤ 0.2V
1.4V
1.65V
VDD
Data Retention Mode
Note 1
tRDR
tSDR
GND
CE1#,
LB#/UB#
VDR
GND
Data Reten tion Mode
tSDR
tRDR
CE2
VDD
1.6 5V
VDR
0.4 V
Note 2


Similar Part No. - EM584161BC-85

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5810 EXCELLIANCE-EM5810 Datasheet
367Kb / 10P
   10A 5V/12V Step-Down Converter
EM5810A EXCELLIANCE-EM5810A Datasheet
367Kb / 10P
   10A 5V/12V Step-Down Converter
EM5810AGE EXCELLIANCE-EM5810AGE Datasheet
367Kb / 10P
   10A 5V/12V Step-Down Converter
EM5810GE EXCELLIANCE-EM5810GE Datasheet
367Kb / 10P
   10A 5V/12V Step-Down Converter
EM5812 EXCELLIANCE-EM5812 Datasheet
365Kb / 10P
   12A 5V/12V Step-Down Converter
More results

Similar Description - EM584161BC-85

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564161 ETRON-EM564161_04 Datasheet
254Kb / 14P
   256K x 16 Low Power SRAM
EM564161 ETRON-EM564161 Datasheet
370Kb / 13P
   256K x 16 Low Power SRAM
EM564166 ETRON-EM564166 Datasheet
158Kb / 11P
   256K x 16 Low Power SRAM
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com