Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA114WKA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTA114WKA
Description  PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA114WKA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTA114WKA Datasheet HTML 1Page - Diodes Incorporated DDTA114WKA Datasheet HTML 2Page - Diodes Incorporated DDTA114WKA Datasheet HTML 3Page - Diodes Incorporated DDTA114WKA Datasheet HTML 4Page - Diodes Incorporated DDTA114WKA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maximum Ratings @ TA = 25°C unless otherwise specified
DS30342 Rev. 6 - 2
1 of 5
DDTA (R1
¹R2 SERIES) KA
www.diodes.com
ã Diodes Incorporated
DDTA (R1¹R2 SERIES) KA
PNP PRE-BIASED SMALL SIGNAL SC-59
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available (DDTC)
·
Built-In Biasing Resistors, R1
¹R2
·
Lead Free/RoHS Compliant (Note 1)
·
"Green" Device, Note 2 and 3
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
-50
V
Input Voltage, (1) to (2)
DDTA113ZKA
DDTA123YKA
DDTA123JKA
DDTA143XKA
DDTA143FKA
DDTA143ZKA
DDTA114YKA
DDTA114WKA
DDTA124XKA
DDTA144VKA
DDTA144WKA
VIN
+5 to -10
+5 to -12
+5 to -12
+7 to -20
+6 to -30
+5 to -30
+6 to -40
+10 to -30
+10 to -40
+15 to -40
+10 to -40
V
Output Current
DDTA113ZKA
DDTA123YKA
DDTA123JKA
DDTA143XKA
DDTA143FKA
DDTA143ZKA
DDTA114YKA
DDTA114WKA
DDTA124XKA
DDTA144VKA
DDTA144WKA
IO
-100
-100
-100
-100
-100
-100
-70
-100
-50
-30
-30
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation
Pd
200
mW
Features
Mechanical Data
·
Case: SC-59
·
Case material: Molded Plastic, "Green" Molding
Compound, Note 3. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Copper leadframe).
·
Terminal Connections: See Diagram
·
Marking: Date Code and Type Code (See Table Below
& Page 3)
·
Ordering Information (See Page 3)
·
Weight: 0.008 grams (approximate)
P/N
R1
(NOM)
R2
(NOM)
Type Code
DDTA113ZKA
DDTA123YKA
DDTA123JKA
DDTA143XKA
DDTA143FKA
DDTA143ZKA
DDTA114YKA
DDTA114WKA
DDTA124XKA
DDTA144VKA
DDTA144WKA
1K
W
2.2K
W
2.2K
W
4.7K
W
4.7K
W
4.7K
W
10K
W
10K
W
22K
W
47K
W
47K
W
10K
W
10K
W
47K
W
10K
W
22K
W
47K
W
47K
W
4.7K
W
47K
W
10K
W
22K
W
P02
P05
P06
P09
P10
P11
P14
P15
P18
P21
P22
SC-59
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
a
0
°
8
°
All Dimensions in mm
Note:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior
to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
A
M
J
L
D
B C
H
K
G
Lead-free Green
Schematic and Pin Configuration
R1
OUT
B
C
E
R2
3
2
1
IN
GND(+)
Equivalent Inverter Circuit
1
3
GND (+)
C
B
IN
OUT
E
SPICE MODELS: DDTA113ZKA DDTA123YKA DDTA123JKA DDTA143XKA DDTA143FKA DDTA143ZKA DDTA114YKA DDTA114WKA DDTA124XKA DDTA144VKA DDTA144WKA


Similar Part No. - DDTA114WKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA114WKA DIODES-DDTA114WKA Datasheet
72Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 2 - 2
DDTA114WKA DIODES-DDTA114WKA Datasheet
141Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30342 Rev. 7 - 2
DDTA114WKA-7 DIODES-DDTA114WKA-7 Datasheet
72Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 2 - 2
More results

Similar Description - DDTA114WKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EKA DIODES-DDTA123EKA_1 Datasheet
87Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 7 - 2
DDTA123EKA DIODES-DDTA123EKA Datasheet
70Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 3 - 2
DDTA113TKA DIODES-DDTA113TKA_1 Datasheet
92Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30343 Rev. 6 - 2
DDTA114KA DIODES-DDTA114KA_1 Datasheet
86Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30344 Rev. 6 - 2
DDTA113ZKA DIODES-DDTA113ZKA Datasheet
72Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 2 - 2
DDTA114KA DIODES-DDTA114KA Datasheet
69Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30344 Rev. 2 - 2
DDTA113TKA DIODES-DDTA113TKA Datasheet
68Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30343 Rev. 2 - 2
DDTC114GKA DIODES-DDTC114GKA Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30340 Rev. 2 - 2
DDTC123EKA DIODES-DDTC123EKA_1 Datasheet
87Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 7 - 2
DDTC113TKA DIODES-DDTC113TKA Datasheet
69Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com