Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX114YK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX114YK
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX114YK Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX114YK Datasheet HTML 1Page - Diodes Incorporated DCX114YK Datasheet HTML 2Page - Diodes Incorporated DCX114YK Datasheet HTML 3Page - Diodes Incorporated DCX114YK Datasheet HTML 4Page - Diodes Incorporated DCX114YK Datasheet HTML 5Page - Diodes Incorporated DCX114YK Datasheet HTML 6Page - Diodes Incorporated DCX114YK Datasheet HTML 7Page - Diodes Incorporated DCX114YK Datasheet HTML 8Page - Diodes Incorporated DCX114YK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 200mW per element must not be exceeded.
DS30350 Rev. 5 - 2
2 of 11
DCX (xxxx) K
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
Vl(off)
0.5
0.5
0.3
0.5
0.5
1.16
1.1
¾
¾
1.1
¾
V
VCC = 5V, IO = 100
mA
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
Vl(on)
¾
1.65
1.9
--
--
1.9
3.0
3.0
1.4
1.1
3.0
V
VO = 0.3, IO = 5mA
VO = 0.3, IO = 2mA
VO = 0.3, IO = 1mA
VO = 0.3, IO = 5mA
VO = 0.3, IO = 10mA
Output Voltage
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
VO(on)
¾
0.1
0.3
V
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 5mA / 0.25mA
IO/Il = 5mA / 0.25mA
IO/Il = 10mA / 0.5mA
Input Current
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
Il
¾¾
0.36
0.18
0.88
3.6
0.88
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
Gl
80
68
68
80
30
¾¾
¾
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
R2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics NPN Section @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Characteristic (DDC143TK & DDC114TK only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
¾¾
V
IC = 50
mA
Collector-Emitter Breakdown Voltage
BVCEO
50
¾¾
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
¾--
V
IE = 50
mA
Collector Cutoff Current
ICBO
¾¾
0.5
mA
VCB = 50V
Emitter Cutoff Current
IEBO
¾¾
0.5
mA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TK
IC/IB = 1mA / 0.1mA
DCX114TK
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
50
V
Input Voltage, (2) to (1)
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX143TK
DCX114TK
VIN
+10 to -40
+10 to -40
+6 to -40
+5 to -12
+10 to -40
+5 Vmax
+5 Vmax
V
Output Current
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX143TK
DCX114TK
IO
-30
-30
-70
-100
-50
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation (Total) (Note 2)
Pd
300
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Maximum Ratings PNP Section @ TA = 25°C unless otherwise specified


Similar Part No. - DCX114YK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX114YK DIODES-DCX114YK Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
DCX114YK DIODES-DCX114YK Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DS30350 Rev. 6 - 2
DCX114YK DIODES-DCX114YK Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DCX114YK DIODES-DCX114YK Datasheet
593Kb / 13P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
Rev. 7 - 2 September 2021
DCX114YK-7 DIODES-DCX114YK-7 Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
More results

Similar Description - DCX114YK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EK DIODES-DCX124EK Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
DCXLO-R1U DIODES-DCXLO-R1U Datasheet
210Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com