Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB0405-LF-T7 Datasheet(PDF) 4 Page - Protek Devices

Part # USB0405-LF-T7
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0405-LF-T7 Datasheet(HTML) 4 Page - Protek Devices

  USB0405-LF-T7 Datasheet HTML 1Page - Protek Devices USB0405-LF-T7 Datasheet HTML 2Page - Protek Devices USB0405-LF-T7 Datasheet HTML 3Page - Protek Devices USB0405-LF-T7 Datasheet HTML 4Page - Protek Devices USB0405-LF-T7 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USB0403
thru
USB0424C
4
05205.R1 6/06
www.protekdevices.com
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic Compatibility
(EMC) protection. The following guidelines are recommended:
The protection device should be placed near the input
terminals or connectors, the device will divert the transient
current immediately before it can be coupled into the nearby
traces.
The path length between the TVS device and the protected
line should be minimized.
All conductive loops including power and ground loops
should be minimized.
The transient current return path to ground should be kept
as short as possible to reduce parasitic inductance.
Ground planes should be used whenever possible. For
multilayer PCBs, use ground vias.
The USB04 Series are TVS arrays designed to protect I/O or
data lines from the damaging effects of ESD and EFT. This
product series provides both unidirectional and bidirectional
protection, with a surge capability of 500 Watts P
PP per line for
an 8/20µs waveform and ESD protection > 40kV.
UNIDIRECTIONAL
COMMON-MODE CONFIGURATION (Figure 1)
The two USB04 Series devices provide protection in a common-
mode configuration as depicted in Figure 1.
Circuit connectivity is as follows:
TVS Device 1: Line 1(D+) is connected to Pins 2 & 3.
TVS Device 2: Line 2(D-) is connected to Pins 2 & 3.
Both TVS Devices: Pins 1 & 4 connected to ground.
BIDIRECTIONAL
DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The USB04xxC Series provides protection in a differential-mode
configuration as depicted in Figure 2.
Circuit connectivity is as follows:
Line 1(R
X) is connected to Pins 1 & 4.
Line 2(T
X) is connected to Pins 2 & 3.
Figure 1 - Unidirectional Configuration (Two TVS Devices)
Common-Mode USB Protection
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
1
4
3
2
1
4
2
3
D+
USB IC
D-
GND
SOLDER PAD
Figure 2 - Bidirectional Configuration
Differential-Mode Ethernet Protection
1
4
3
2
R
R
T
X
R
X
APPLICATIONS


Similar Part No. - USB0405-LF-T7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB0405 MICROSEMI-USB0405 Datasheet
184Kb / 2P
   TVSarray ??Series
logo
Protek Devices
USB0405 PROTEC-USB0405 Datasheet
117Kb / 5P
   LOW CAPACITANCE TVS ARRAY
USB0405 PROTEC-USB0405 Datasheet
900Kb / 9P
   350 watt low capacitance tvs array
USB0405 PROTEC-USB0405 Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
USB0405C MICROSEMI-USB0405C Datasheet
159Kb / 2P
   TVSarray ??Series
More results

Similar Description - USB0405-LF-T7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com