Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS8402DW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BSS8402DW
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS8402DW Datasheet(HTML) 4 Page - Diodes Incorporated

  BSS8402DW Datasheet HTML 1Page - Diodes Incorporated BSS8402DW Datasheet HTML 2Page - Diodes Incorporated BSS8402DW Datasheet HTML 3Page - Diodes Incorporated BSS8402DW Datasheet HTML 4Page - Diodes Incorporated BSS8402DW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30380 Rev. 8 - 2
4 of 5
BSS8402DW
www.diodes.com
P-CHANNEL - BSS84 SECTION
-0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0
-2
-3
-4
-1
-8
-7
-6
-5
V
, GATE-TO-SOURCE VOLTAGE (V)
GS
Fig. 8, Drain Current vs. Gate Source Voltage
T = -55
°C
A
T = 25
°C
A
T = 125
°C
A
0
-600
-500
-400
-300
-200
-100
0
-2
-1
-5
-4
-3
V
, DRAIN SOURCE (V)
DS
Fig. 7, Drain Source Current vs.
Drain Source Voltage
T = 25
°C
A
V
= -5V
GS
-4.5V
-3.5V
-3.0V
-2.5V
0
3
6
9
12
15
-50
-25
0
25
50
125
100
75
150
T
, JUNCTION TEMPERATURE (°C)
J
Fig. 10, On-Resistance vs. Junction Temperature
V
= -10V
GS
I = -0.13A
D
0
1
2
4
5
3
6
8
7
10
9
0
-1
-2
-3
-4
-5
V
, GATE TO SOURCE (V)
GS
Fig. 9, On Resistance vs. Gate Source Voltage
T
= 25
°C
A
T = 125
°C
A
0.0
5.0
10.0
-0.0
-0.2
-0.4
-0.6
-0.8
1.0
I , DRAIN CURRENT (A)
D
Fig. 11, On-Resistance vs. Drain Current
15.0
20.0
25.0
V
= -8V
GS
V
= -10V
GS
V
= -3V
GS
V
= -3.5V
GS
V
= -4V
GS
V
= -4.5V
GS
V
= -6V
GS
V
= -5V
GS


Similar Part No. - BSS8402DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS8402DW DIODES-BSS8402DW Datasheet
138Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 4 - 2
logo
Pan Jit International I...
BSS8402DW PANJIT-BSS8402DW Datasheet
128Kb / 6P
   COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
logo
Diodes Incorporated
BSS8402DW DIODES-BSS8402DW Datasheet
179Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
BSS8402DW LUGUANG-BSS8402DW Datasheet
882Kb / 6P
   Complementary Pair Enhancement Mode Field Effect Transistor
logo
Shenzhen Huazhimei Semi...
BSS8402DW HMSEMI-BSS8402DW Datasheet
315Kb / 6P
   Complementary Pair Enhancement Mode Field Effect Transistor
More results

Similar Description - BSS8402DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2004VK DIODES-DMC2004VK_15 Datasheet
371Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004LPK DIODES-DMC2004LPK Datasheet
365Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004LPK DIODES-DMC2004LPK_15 Datasheet
353Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004DWK DIODES-DMC2004DWK Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS8402DW DIODES-BSS8402DW Datasheet
138Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 4 - 2
DMC2004VK DIODES-DMC2004VK Datasheet
369Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Shenzhen Luguang Electr...
BSS8402DW LUGUANG-BSS8402DW Datasheet
882Kb / 6P
   Complementary Pair Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS8402DW DIODES-BSS8402DW_08 Datasheet
179Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
DMC2004DWK DIODES-DMC2004DWK_15 Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Shenzhen Huazhimei Semi...
BSS8402DW HMSEMI-BSS8402DW Datasheet
315Kb / 6P
   Complementary Pair Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com