Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BL162C Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL162C Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29BL162C Datasheet HTML 4Page - Advanced Micro Devices AM29BL162C Datasheet HTML 5Page - Advanced Micro Devices AM29BL162C Datasheet HTML 6Page - Advanced Micro Devices AM29BL162C Datasheet HTML 7Page - Advanced Micro Devices AM29BL162C Datasheet HTML 8Page - Advanced Micro Devices AM29BL162C Datasheet HTML 9Page - Advanced Micro Devices AM29BL162C Datasheet HTML 10Page - Advanced Micro Devices AM29BL162C Datasheet HTML 11Page - Advanced Micro Devices AM29BL162C Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
4
Am29BL162C
22142F9 January 22, 2007
D A TA
SH EET
PRODUCT SELECTOR GUIDE
Note:
1. See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29BL162C
Speed
Option
Regulated Voltage Range: VCC =3.0–3.6 V
65R
70R
90R
120R
Temperature Range: Industrial (I), Extended (E)
I
E
I, E
I, E
I, E
Max access time, ns (tACC)
65
70
90
120
Max CE# access time, ns (tCE)
65
70
90
120
Max burst access time, ns (tBACC)
17182426
26
Burst
State
Counter
Burst
Address
Counter
LBA#
BAA#
CLK
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
IND#
Buffer
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
Data Latch
RESET#
RY/BY#
IND#
STB
STB
A0–A19
A0–A2
A3, A4
CE#
OE#
WE#
DQ0–DQ15


Similar Part No. - AM29BL162C

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL162C SPANSION-AM29BL162C Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162C SPANSION-AM29BL162C Datasheet
298Kb / 19P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
AM29BL162CB-120R SPANSION-AM29BL162CB-120R Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-35DGE1 SPANSION-AM29BL162CB-35DGE1 Datasheet
298Kb / 19P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
AM29BL162CB-35DGH1 SPANSION-AM29BL162CB-35DGH1 Datasheet
298Kb / 19P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29BL162C

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL162C SPANSION-AM29BL162C Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162C SPANSION-AM29BL162C_03 Datasheet
298Kb / 19P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BL802C AMD-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com