Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTB142TU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTB142TU
Description  PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTB142TU Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTB142TU Datasheet HTML 1Page - Diodes Incorporated DDTB142TU Datasheet HTML 2Page - Diodes Incorporated DDTB142TU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30400 Rev. 5 - 2
2 of 3
DDTB (LO-R1) U
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTB122LU
DDTB142JU
Vl(off)
-0.3
-0.3
¾¾
V
VCC = -5V, IO = -100
mA
DDTB122LU
DDTB142JU
Vl(on)
¾¾
-2.0
-2.0
V
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
Output Voltage
VO(on)
¾¾
-0.3V
V
IO/Il = -50mA/-2.5mA
Input Current
DDTB122LU
DDTB142JU
Il
¾¾
-28
-13
mA
VI = -5V
Output Current
IO(off)
¾¾
-0.5
mA
VCC = -50V, VI = 0V
DC Current Gain
DDTB122LU
DDTB142JU
Gl
56
56
¾¾
¾
VO = -5V, IO = -50mA
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Electrical Characteristics
R1, R2 Types
@ TA = 25
°C unless otherwise specified
* Transistor - For Reference Only
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
BVCEO
-40
¾¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
DDTB122TU
DDTB142TU
BVEBO
-5
¾
¾
V
IE = -50
mA
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -50V
Emitter Cutoff Current
DDTB122TU
DDTB142TU
IEBO
¾
¾
¾
-0.5
-0.5
mA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
-0.3
V
IC = -50mA, IB = -2.5mA
DC Current Transfer Ratio
DDTB122TU
DDTB142TU
hFE
100
100
250
250
600
600
¾
IC = -5mA, VCE = -5V
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics
R1-Only Types
@ TA = 25
°C unless otherwise specified
* Transistor - For Reference Only
XXX = Product Type Marking Code (See Page 1)
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
XXX
Marking Information
Device
Packaging
Shipping
DDTB122LU-7-F
SOT-323
3000/Tape & Reel
DDTB142JU-7-F
SOT-323
3000/Tape & Reel
DDTB122TU-7-F
SOT-323
3000/Tape & Reel
DDTB142TU-7-F
SOT-323
3000/Tape & Reel
Ordering Information (Note 4 & 5)
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
UV
WX
Y
Z
Date Code Key
Notes: 4.
Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.


Similar Part No. - DDTB142TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTB142TU DIODES-DDTB142TU Datasheet
70Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB142TU DIODES-DDTB142TU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB142TU DIODES-DDTB142TU Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB142TU-7 DIODES-DDTB142TU-7 Datasheet
70Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
More results

Similar Description - DDTB142TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTBXXXXU DIODES-DDTBXXXXU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB122LU DIODES-DDTB122LU Datasheet
70Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTA122LU DIODES-DDTA122LU Datasheet
78Kb / 3P
   PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30402 Rev. 5 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
DDTBXXXXC DIODES-DDTBXXXXC Datasheet
66Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 2 - 2
DDTB113EC DIODES-DDTB113EC Datasheet
78Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com