Part Name
         Description
AM29DS323D_06

 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory ( 56 Page)


AMD
100% 
Zoom Out Zoom In
 6 page
background image
4
Am29DS323D
23480A5 October 10, 2006
D A TA
SH EET
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Part Number
Am29DS323D
Speed Option
Standard Voltage Range: VCC = 1.8–2.2 V
110
120
Max Access Time (ns)
110
120
CE# Access (ns)
110
120
OE# Access (ns)
50
50
VCC
VSS
Upper Bank Address
A0–A20
RESET#
WE#
CE#
BYTE#
DQ0–DQ15
WP#/ACC
STATE
CONTROL
&
COMMAND
REGISTER
RY/BY#
Upper Bank
X-Decoder
OE#
BYTE#
DQ0–DQ15
Lower Bank
X-Decoder
Lower Bank Address
OE#
BYTE#
Status
Control
A0–A20
A0–A20
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29DL322D_0532 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL400B_054 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL800B_068 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL16XD_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29SL160C_0716 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BL162C16 Megabit 1 M x 16-Bit CMOS 3.0 Volt-only Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PL160C_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV160D_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV640D_0764 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO™ Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV160B_0516 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl