Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA122TE Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTA122TE
Description  PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA122TE Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTA122TE Datasheet HTML 1Page - Diodes Incorporated DDTA122TE Datasheet HTML 2Page - Diodes Incorporated DDTA122TE Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30405 Rev. 5 - 2
3 of 3
DDTA (LO-R1) E
www.diodes.com
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - DDTA122TE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA122TE DIODES-DDTA122TE Datasheet
176Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
More results

Similar Description - DDTA122TE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTCXXXXE DIODES-DDTCXXXXE Datasheet
64Kb / 3P
   NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE Datasheet
74Kb / 3P
   NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE_1 Datasheet
74Kb / 3P
   NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 5 - 2
DDTA122LU DIODES-DDTA122LU Datasheet
78Kb / 3P
   PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30402 Rev. 5 - 2
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123EE DIODES-DDTA123EE_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 6- 2
DDTA114GE DIODES-DDTA114GE_1 Datasheet
444Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 5 - 2
DDTA123EE DIODES-DDTA123EE Datasheet
69Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 2 - 2
DDTA113ZE DIODES-DDTA113ZE_1 Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 6 - 2
DDTA114GE DIODES-DDTA114GE Datasheet
70Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com