Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ6V8B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ6V8B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ6V8B Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ6V8B Datasheet HTML 1Page - Diodes Incorporated DDZ6V8B Datasheet HTML 2Page - Diodes Incorporated DDZ6V8B Datasheet HTML 3Page - Diodes Incorporated DDZ6V8B Datasheet HTML 4Page - Diodes Incorporated DDZ6V8B Datasheet HTML 5Page - Diodes Incorporated DDZ6V8B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pb
Lead-free
DS30407 Rev. 7 - 2
1 of 6
DDZ5V1B - DDZ43
www.diodes.com
ã Diodes Incorporated
·
500mW Power Dissipation on Ceramic PCB
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Lead Free By Design/RoHS Compliant (Note 7)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
DDZ5V1B - DDZ43
SURFACE MOUNT PRECISION ZENER DIODE
·
Case: SOD-123
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Ordering Information: See Page 6
·
Weight: 0.01 grams (approximate)
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
1.35
E
0.45
0.65
0.55 Typical
G
0.25
H
0.11 Typical
J
0.10
a
0
°
8
°
All Dimensions in mm
Features
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
305
°C/W
@ TA = 25
°C unless otherwise specified
Note:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
A
B
C
D
E
G
H
J
SPICE MODELS: DDZ5V1B DDZ5V6B DDZ6V2B DDZ6V8C DDZ7V5C DDZ8V2C DDZ9V1C DDZ10C DDZ11C DDZ12C DDZ13B DDZ14 DDZ15 DDZ16
DDZ18C DDZ20C DDZ22D DDZ24C DDZ27D DDZ30D DDZ33 DDZ36 DDZ39F DDZ43


Similar Part No. - DDZ6V8B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ6V8B DIODES-DDZ6V8B Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 2 - 2
DDZ6V8B DIODES-DDZ6V8B Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ6V8B DIODES-DDZ6V8B Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ6V8B DIODES-DDZ6V8B Datasheet
313Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ6V8B DIODES-DDZ6V8B Datasheet
539Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - DDZ6V8B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com