Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZX6V2B Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDZX6V2B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX6V2B Datasheet(HTML) 6 Page - Diodes Incorporated

  DDZX6V2B Datasheet HTML 1Page - Diodes Incorporated DDZX6V2B Datasheet HTML 2Page - Diodes Incorporated DDZX6V2B Datasheet HTML 3Page - Diodes Incorporated DDZX6V2B Datasheet HTML 4Page - Diodes Incorporated DDZX6V2B Datasheet HTML 5Page - Diodes Incorporated DDZX6V2B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS30408 Rev. 5 - 2
6 of 6
DDZX5V1B - DDZX43
www.diodes.com
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Z
Fig. 18 Typical Temperature Coefficient of
Zener Voltage, DDZX30D-DDZX43
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
I= 2mA
ZT
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 19 Total Capacitance vs Nominal Zener Voltage
Z
T= 25 °C
f = 1MHz
j
V= 2V
R
V=1V
R
Ordering Information
Date Code Key
KXX = Product Type Marking Code (See Table 1)
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Device
Packaging
Shipping
(Type Number)-7*
SOT-23
3000/Tape & Reel
(Note 6)
Year
2006
2007
2008
2009
2010
2011
2012
Code
TU
V
WX
Y
Z
KXX
* Example: The part number for the 6.2 Volt device would be DDZX6V2B-7.
Note :
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
7. No purposefully added lead.
Marking Information
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - DDZX6V2B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX6V2B DIODES-DDZX6V2B Datasheet
175Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 1 - 2
DDZX6V2B DIODES-DDZX6V2B Datasheet
166Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 8 - 2
DDZX6V2B DIODES-DDZX6V2B Datasheet
321Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZX6V2BTS DIODES-DDZX6V2BTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
DDZX6V2BTS DIODES-DDZX6V2BTS Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
More results

Similar Description - DDZX6V2B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com