Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ7V5B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ7V5B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ7V5B Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ7V5B Datasheet HTML 1Page - Diodes Incorporated DDZ7V5B Datasheet HTML 2Page - Diodes Incorporated DDZ7V5B Datasheet HTML 3Page - Diodes Incorporated DDZ7V5B Datasheet HTML 4Page - Diodes Incorporated DDZ7V5B Datasheet HTML 5Page - Diodes Incorporated DDZ7V5B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30407 Rev. 7 - 2
2 of 6
DDZ5V1B - DDZ43
www.diodes.com
Type Number
Marking Code
Zener Voltage Range
(Notes 2, 3)
Maximum Zener Impedance
(Note 4)
Maximum Reverse
Current (Note 5)
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
IZK
IR
@VR
Min (V)
Max (V)
mA
W
mA
uA
V
DDZ5V1B
KM
4.94
5.20
20
17
480
1
5
1.5
DDZ5V6B
KN
5.45
5.73
20
11
400
1
0.5
2.5
DDZ6V2B
KO
5.96
6.27
20
7
150
1
0.5
4.0
DDZ6V8B
KP
6.49
6.83
20
5
150
0.5
0.1
5.0
DDZ6V8C
YP
6.66
7.01
20
5
150
0.5
0.1
5.0
DDZ7V5B
KQ
7.07
7.45
20
6
120
0.5
0.1
6.0
DDZ7V5C
YQ
7.29
7.67
20
6
120
0.5
0.1
6.0
DDZ8V2B
KR
7.78
8.19
20
8
120
0.5
0.1
6.5
DDZ8V2C
YR
8.03
8.45
20
8
120
0.5
0.1
6.5
DDZ9V1B
KS
8.57
9.01
20
8
120
0.5
0.1
7.0
DDZ9V1C
YS
8.83
9.30
20
8
120
0.5
0.1
7.0
DDZ10B
KT
9.41
9.90
20
8
120
0.5
0.1
8.0
DDZ10C
YT
9.70
10.20
20
8
120
0.5
0.1
8.0
DDZ11B
KU
10.50
11.05
10
10
120
0.5
0.1
8.4
DDZ11C
YU
10.82
11.38
10
10
120
0.5
0.1
8.4
DDZ12B
KV
11.44
12.03
10
12
110
0.5
0.1
9.1
DDZ12C
YV
11.74
12.35
10
12
110
0.5
0.1
9.1
DDZ13B
KW
12.55
13.21
10
14
110
0.5
0.1
10.0
DDZ14
GX
13.65
14.35
10
16
110
0.5
0.05
11.0
DDZ14B
KX
13.89
14.62
10
16
110
0.5
0.05
11.0
DDZ15
GY
14.80
15.57
10
18
150
0.5
0.05
12.0
DDZ16B
KY
15.25
16.04
10
18
150
0.5
0.05
12.0
DDZ16
YY
15.69
16.51
10
18
150
0.5
0.05
12.0
DDZ17
KZ
16.82
17.70
10
23
150
0.5
0.05
14.0
DDZ18C
YZ
17.42
18.33
10
23
150
0.5
0.05
14.0
DDZ19
ZJ
18.63
19.59
10
28
200
0.5
0.05
15.0
DDZ20C
PJ
19.23
20.22
10
28
200
0.5
0.05
15.0
DDZ21
ZK
20.64
21.71
5
30
200
0.5
0.05
17.0
DDZ22D
2K
21.52
22.63
5
30
200
0.5
0.05
17.0
DDZ23
ZL
22.61
23.77
5
35
200
0.5
0.05
19.0
DDZ24C
PL
23.12
24.31
5
35
200
0.5
0.05
19.0
DDZ26
ZM
24.97
26.26
5
45
250
0.5
0.05
21.0
DDZ27D
2M
26.29
27.64
5
45
250
0.5
0.05
21.0
DDZ28
ZN
27.70
29.13
5
55
250
0.5
0.05
23.0
DDZ30D
2N
29.02
30.51
5
55
250
0.5
0.05
23.0
DDZ31
ZO
30.32
31.88
5
65
250
0.5
0.05
25.0
DDZ33
RP
32.14
33.79
5
75
250
0.5
0.05
27.0
DDZ34
ZP
32.79
34.49
5
75
250
0.5
0.05
27.0
DDZ36
ZQ
35.36
37.19
5
85
250
0.5
0.05
30.0
DDZ39F
5Q
38.02
39.98
5
85
250
0.5
0.05
30.0
DDZ43
ZR
42.14
43.86
5
90
¾¾
0.05
33.0
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
2. The Zener voltage is measured 40ms after power is supplied.
3. For inquiries on tighter tolerances, or alternate nominal zener voltages, please contact your Diodes Inc. sales representative for
availability and minimum order details.
4. f = 1kHz.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DDZ7V5B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ7V5B DIODES-DDZ7V5B Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 2 - 2
DDZ7V5B DIODES-DDZ7V5B Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ7V5B DIODES-DDZ7V5B Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ7V5B DIODES-DDZ7V5B Datasheet
313Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ7V5B DIODES-DDZ7V5B Datasheet
539Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - DDZ7V5B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com