Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P320DB60RI Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # P320DB60RI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

P320DB60RI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button P320DB60RI Datasheet HTML 5Page - Advanced Micro Devices P320DB60RI Datasheet HTML 6Page - Advanced Micro Devices P320DB60RI Datasheet HTML 7Page - Advanced Micro Devices P320DB60RI Datasheet HTML 8Page - Advanced Micro Devices P320DB60RI Datasheet HTML 9Page - Advanced Micro Devices P320DB60RI Datasheet HTML 10Page - Advanced Micro Devices P320DB60RI Datasheet HTML 11Page - Advanced Micro Devices P320DB60RI Datasheet HTML 12Page - Advanced Micro Devices P320DB60RI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
June 13, 2005
Am29PL320D
7
INPUT CONFIGURATION
A19–A0
=
20 address inputs
DQ30–DQ0 =
31 data inputs/outputs
DQ31/A-1
=
In double word mode, functions as
DQ31. In word mode, functions
as A-1 (LSB address input)
WORD#
=
Word enable input
When low, enables word mode
When high, enables double word mode
WP#
= Hardware Write Protect input
ACC
= Acceleration input
CE#
=
Chip Enable input
OE#
=
Output Enable input
WE#
=
Write Enable input
VCC
=
3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
VSS
=
Device ground
NC
=
input not connected internally
LOGIC SYMBOL
20
16 or 32
DQ31–DQ0
(A-1)
A19–A0
CE#
OE#
WE#
WORD#
WP#
ACC


Similar Part No. - P320DB60RI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3200-C-S-12 ETC2-P3200-C-S-12 Datasheet
672Kb / 2P
   Daisy chain or individual placement
P3200-C-_-12 ETC2-P3200-C-_-12 Datasheet
672Kb / 2P
   Daisy chain or individual placement
P3200-C-_-24 ETC2-P3200-C-_-24 Datasheet
672Kb / 2P
   Daisy chain or individual placement
P3200-C-_-36 ETC2-P3200-C-_-36 Datasheet
672Kb / 2P
   Daisy chain or individual placement
P3200-C-_-48 ETC2-P3200-C-_-48 Datasheet
672Kb / 2P
   Daisy chain or individual placement
More results

Similar Description - P320DB60RI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29PL320D SPANSION-AM29PL320D Datasheet
947Kb / 50P
   32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
Advanced Micro Devices
AM29PLI60C AMD-AM29PLI60C Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160C AMD-AM29PL160C_06 Datasheet
843Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com