Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ9694S-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ9694S-7
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9694S-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ9694S-7 Datasheet HTML 1Page - Diodes Incorporated DDZ9694S-7 Datasheet HTML 2Page - Diodes Incorporated DDZ9694S-7 Datasheet HTML 3Page - Diodes Incorporated DDZ9694S-7 Datasheet HTML 4Page - Diodes Incorporated DDZ9694S-7 Datasheet HTML 5Page - Diodes Incorporated DDZ9694S-7 Datasheet HTML 6Page - Diodes Incorporated DDZ9694S-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS30409 Rev. 3 - 2
2 of 7
DDZ9689S - DDZ9717S
www.diodes.com
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
2. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30
°C ±1°C.
3. Short duration pulse test used to minimize self-heating effect.
Type
Number
Type
Code
Zener Voltage Range (Note 2)
Maximum Reverse
Leakage Current (Note 3)
VZ @IZT
IZT
IR @ VR
Nom (V)
Min (V)
Max (V)
mA
mA
V
DDZ9689S
HH
5.1
4.85
5.36
50
5
3
DDZ9690S
HJ
5.6
5.32
5.88
50
2
4
DDZ9691S
HK
6.2
5.89
6.51
50
1
5
DDZ9692S
HL
6.8
6.46
7.14
50
0.1
5.1
DDZ9693S
HM
7.5
7.13
7.88
50
0.1
5.7
DDZ9694S
HN
8.2
7.79
8.61
50
0.1
6.2
DDZ9696S
HP
9.1
8.65
9.56
50
0.1
6.9
DDZ9697S
HQ
10
9.50
10.50
50
0.1
7.6
DDZ9698S
HR
11
10.45
11.55
50
0.05
8.4
DDZ9699S
HS
12
11.40
12.60
50
0.05
9.1
DDZ9700S
HT
13
12.35
13.65
50
0.05
9.8
DDZ9701S
HU
14
13.30
14.70
50
0.05
10.6
DDZ9702S
HV
15
14.25
15.75
50
0.05
11.4
DDZ9703S
HW
16
15.20
16.80
50
0.05
12.1
DDZ9705S
HY
18
17.10
18.90
50
0.05
13.6
DDZ9707S
MD
20
19.00
21.00
50
0.05
15.2
DDZ9708S
ME
22
20.90
23.10
50
0.05
16.7
DDZ9709S
MF
24
22.80
25.20
50
0.05
18.2
DDZ9711S
MH
27
25.65
28.35
50
0.05
20.4
DDZ9712S
MJ
28
26.60
29.40
50
0.05
21.2
DDZ9713S
MK
30
28.50
31.50
50
0.05
22.8
DDZ9714S
ML
33
31.35
34.65
50
0.05
25.0
DDZ9715S
MM
36
34.20
37.80
50
0.05
27.3
DDZ9716S
MN
39
37.05
40.95
50
0.05
29.6
DDZ9717S
MO
43
40.85
45.15
50
0.05
32.6


Similar Part No. - DDZ9694S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9694S DIODES-DDZ9694S Datasheet
198Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30409 Rev. 6 - 2
More results

Similar Description - DDZ9694S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com