Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZX9713TS-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZX9713TS-7
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9713TS-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZX9713TS-7 Datasheet HTML 1Page - Diodes Incorporated DDZX9713TS-7 Datasheet HTML 2Page - Diodes Incorporated DDZX9713TS-7 Datasheet HTML 3Page - Diodes Incorporated DDZX9713TS-7 Datasheet HTML 4Page - Diodes Incorporated DDZX9713TS-7 Datasheet HTML 5Page - Diodes Incorporated DDZX9713TS-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS30412 Rev. 3 - 2
4 of 6
DDZX9689TS - DDZX9717TS
www.diodes.com
19
21
23
25
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 7 Typical Reverse Characteristics, DDZX9707TS - DDZX9709TS
20
22
24
DDZX9708TS
1m
100n
10m
100m
DDZX9707TS
DDZX9709TS
26
30
34
38
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 8 Typical Reverse Characteristics, DDZX9711TS - DDZX9715TS
28
32
36
DDZX9711TS
DDZX9714TS
1m
100n
10m
100m
DDZX9715TS
38
42
46
50
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 9 Typical Reverse Characteristics,
DDZX9716TS - DDZX9717TS
40
44
48
DDZX9716TS
1m
100n
10m
100m
DDZX9717TS
0.1
10
100
1
1000
10,000
2
3
4
5
6
7
V , ZENER VOLTAGE (V)
Z
Fig. 10 Typical Zener Impedance Characteristics,
DDZX9689TS - DDZX9692TS
I = 20mA
Z
I = 1mA
Z
I = 5mA
Z
0.1
10
100
1
1000
10,000
7
8
9
10
11
12
V , ZENER VOLTAGE (V)
Z
Fig. 11 Typical Zener Impedance Characteristics,
DDZX9693TS - DDZX9699TS
I = 20mA
Z
I = 1mA
Z
I = 5mA
Z
14
16
18
20
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 6 Typical Reverse Characteristics, DDZX9702TS - DDZX9705TS
15
17
19
DDZX9703TS
1m
100n
10m
100m
DDZX9705TS
DDZX9702TS


Similar Part No. - DDZX9713TS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX9713TS DIODES-DDZX9713TS Datasheet
222Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
DS30412 Rev. 5 - 2
More results

Similar Description - DDZX9713TS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com